Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 58 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 58 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 54Page - STMicroelectronics PSD934215MIT Datasheet HTML 55Page - STMicroelectronics PSD934215MIT Datasheet HTML 56Page - STMicroelectronics PSD934215MIT Datasheet HTML 57Page - STMicroelectronics PSD934215MIT Datasheet HTML 58Page - STMicroelectronics PSD934215MIT Datasheet HTML 59Page - STMicroelectronics PSD934215MIT Datasheet HTML 60Page - STMicroelectronics PSD934215MIT Datasheet HTML 61Page - STMicroelectronics PSD934215MIT Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
PSD834F2V
58/89
Table 29. Power Management Mode Registers PMMR01
PLD Power Management
The power and speed of the PLDs are controlled
by the Turbo bit (bit 3) in PMMR0. By setting the
bit to 1, the Turbo mode is off and the PLDs con-
sume the specified stand-by current when the in-
puts are not switching for an extended time of
70 ns. The propagation delay time is increased by
10 ns after the Turbo bit is set to 1 (turned off)
when the inputs change at a composite frequency
of less than 15 MHz. When the Turbo bit is reset to
0 (turned on), the PLDs run at full power and
speed. The Turbo bit affects the PLD’s DC power,
AC power, and propagation delay.
Blocking MCU control signals with the bits of
PMMR2 can further reduce PLD AC power con-
sumption.
Table 30. Power Management Mode Registers PMMR21
Note: 1. The bits of this register are cleared to zero following Power-up. Subsequent Reset (Reset) pulses do not clear the registers.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
APD Enable
0 = off Automatic Power-down (APD) is disabled.
1 = on Automatic Power-down (APD) is enabled.
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
PLD Turbo
0 = on PLD Turbo mode is on
1 = off PLD Turbo mode is off, saving power.
Bit 4
PLD Array clk
0 = on
CLKIN (PD1) input to the PLD AND Array is connected. Every change of CLKIN
(PD1) Powers-up the PLD when Turbo bit is 0.
1 = off CLKIN (PD1) input to PLD AND Array is disconnected, saving power.
Bit 5
PLD MCell clk
0 = on CLKIN (PD1) input to the PLD macrocells is connected.
1 = off CLKIN (PD1) input to PLD macrocells is disconnected, saving power.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.
Bit 0
X
0
Not used, and should be set to zero.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
PLD Array
CNTL0
0 = on Cntl0 input to the PLD AND Array is connected.
1 = off Cntl0 input to PLD AND Array is disconnected, saving power.
Bit 3
PLD Array
CNTL1
0 = on Cntl1 input to the PLD AND Array is connected.
1 = off Cntl1 input to PLD AND Array is disconnected, saving power.
Bit 4
PLD Array
CNTL2
0 = on Cntl2 input to the PLD AND Array is connected.
1 = off Cntl2 input to PLD AND Array is disconnected, saving power.
Bit 5
PLD Array
ALE
0 = on ALE input to the PLD AND Array is connected.
1 = off ALE input to PLD AND Array is disconnected, saving power.
Bit 6
PLD Array
DBE
0 = on DBE input to the PLD AND Array is connected.
1 = off DBE input to PLD AND Array is disconnected, saving power.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com