Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 61 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 57Page - STMicroelectronics PSD934215MIT Datasheet HTML 58Page - STMicroelectronics PSD934215MIT Datasheet HTML 59Page - STMicroelectronics PSD934215MIT Datasheet HTML 60Page - STMicroelectronics PSD934215MIT Datasheet HTML 61Page - STMicroelectronics PSD934215MIT Datasheet HTML 62Page - STMicroelectronics PSD934215MIT Datasheet HTML 63Page - STMicroelectronics PSD934215MIT Datasheet HTML 64Page - STMicroelectronics PSD934215MIT Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
61/89
PSD834F2V
PROGRAMMING IN-CIRCUIT USING THE JTAG SERIAL INTERFACE
The JTAG Serial Interface block can be enabled
on Port C (see Table 33). All memory blocks (pri-
mary and secondary Flash memory), PLD logic,
and PSD Configuration Register bits may be pro-
grammed through the JTAG Serial Interface block.
A blank device can be mounted on a printed circuit
board and programmed using JTAG.
The standard JTAG signals (IEEE 1149.1) are
TMS, TCK, TDI, and TDO. Two additional signals,
TSTAT and TERR, are optional JTAG extensions
used to speed up Program and Erase cycles.
By default, on a blank PSD (as shipped from the
factory or after erasure), four pins on Port C are
enabled for the basic JTAG signals TMS, TCK,
TDI, and TDO.
See Application Note
AN1153 for more details on
JTAG In-System Programming (ISP).
Standard JTAG Signals
The standard JTAG signals (TMS, TCK, TDI, and
TDO) can be enabled by any of three different con-
ditions that are logically ORed. When enabled,
TDI, TDO, TCK, and TMS are inputs, waiting for a
JTAG serial command from an external JTAG con-
troller device (such as FlashLINK or Automated
Test Equipment). When the enabling command is
received, TDO becomes an output and the JTAG
channel is fully functional inside the PSD. The
same command that enables the JTAG channel
may optionally enable the two additional JTAG sig-
nals, TSTAT and TERR.
The following symbolic logic equation specifies the
conditions enabling the four basic JTAG signals
(TMS, TCK, TDI, and TDO) on their respective
Port C pins. For purposes of discussion, the logic
label JTAG_ON is used. When JTAG_ON is true,
the four pins are enabled for JTAG. When
JTAG_ON is false, the four pins can be used for
general PSD I/O.
JTAG_ON = PSDsoft_enabled +
/* An NVM configuration bit inside the
PSD
is
set
by
the
designer
in
the
PSDsoft Express Configuration utility.
This dedicates the pins for JTAG at all
times (compliant with IEEE 1149.1 */
Microcontroller_enabled +
/* The microcontroller can set a bit at
run-time
by
writing
to
the
PSD
register,
JTAG
Enable.
This
register
is
located
at
address
CSIOP
+
offset
C7h.
Setting
the
JTAG_ENABLE
bit
in
this register will enable the pins for
JTAG use. This bit is cleared by a PSD
reset
or
the
microcontroller.
See
Table 34 for bit definition. */
PSD_product_term_enabled;
/* A dedicated product term (PT) inside
the PSD can be used to enable the JTAG
pins.
This
PT
has
the
reserved
name
JTAGSEL.
Once
defined
as
a
node
in
PSDabel,
the
designer
can
write
an
equation
for
JTAGSEL.
This
method
is
used
when
the
Port
C
JTAG
pins
are
multiplexed with other I/O signals. It
is
recommended
to
logically
tie
the
node JTAGSEL to the JEN\ signal on the
Flashlink cable when multiplexing JTAG
signals. See Application Note 1153 for
details. */
The state of the PSD Reset (RESET) signal does
not interrupt (or prevent) JTAG operations if the
JTAG pins are dedicated by an NVM configuration
bit (via PSDsoft Express). However, Reset (RE-
SET) will prevent or interrupt JTAG operations if
the JTAG enable register is used to enable the
JTAG pins.
The PSD supports JTAG In-System-Configuration
(ISC) commands, but not Boundary Scan. The PS-
Dsoft Express software tool and FlashLINK JTAG
programming cable implement the JTAG In-Sys-
tem-Configuration (ISC) commands. A definition
of these JTAG In-System-Configuration (ISC)
commands and sequences is defined in a supple-
mental document available from ST. This docu-
ment is needed only as a reference for designers
who use a FlashLINK to program their PSD.
Table 33. JTAG Port Signals
JTAG Extensions
TSTAT and TERR are two JTAG extension signals
enabled by an “ISC_ENABLE” command received
over the four standard JTAG signals (TMS, TCK,
TDI, and TDO). They are used to speed Program
and Erase cycles by indicating status on PSD sig-
nals instead of having to scan the status out seri-
ally using the standard JTAG channel. See
Application Note
AN1153.
TERR indicates if an error has occurred when
erasing a sector or programming a byte in Flash
memory. This signal goes Low (active) when an
Error condition occurs, and stays Low until an
“ISC_CLEAR” command is executed or a chip Re-
set
(RESET)
pulse
is
received
after
an
“ISC_DISABLE” command.
TSTAT behaves the same as Ready/Busy de-
scribed in the section entitled “Ready/Busy (PC3)”,
on page 15. TSTAT is High when the PSD device
Port C Pin
JTAG Signals
Description
PC0
TMS
Mode Select
PC1
TCK
Clock
PC3
TSTAT
Status
PC4
TERR
Error Flag
PC5
TDI
Serial Data In
PC6
TDO
Serial Data Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com