Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 64 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 64 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 60Page - STMicroelectronics PSD934215MIT Datasheet HTML 61Page - STMicroelectronics PSD934215MIT Datasheet HTML 62Page - STMicroelectronics PSD934215MIT Datasheet HTML 63Page - STMicroelectronics PSD934215MIT Datasheet HTML 64Page - STMicroelectronics PSD934215MIT Datasheet HTML 65Page - STMicroelectronics PSD934215MIT Datasheet HTML 66Page - STMicroelectronics PSD934215MIT Datasheet HTML 67Page - STMicroelectronics PSD934215MIT Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
PSD834F2V
64/89
Table 35. Example of PSD Typical Power Calculation at VCC = 3.3 V (with Turbo Mode On)
Conditions
Highest Composite PLD input frequency
(Freq PLD)
= 8 MHz
MCU ALE frequency (Freq ALE)
= 4 MHz
% Flash memory
Access
= 80%
% SRAM access
= 15%
% I/O access
= 5% (no additional power above base)
Operational Modes
% Normal
= 10%
% Power-down Mode
= 90%
Number of product terms used
(from fitter report)
= 45 PT
% of total product terms
= 45/182 = 24.7%
Turbo Mode
= ON
Calculation (using typical values)
ICC total
= Ipwrdown x %pwrdown + %normal x (ICC (ac) + ICC (dc))
= Ipwrdown x %pwrdown + % normal x (%flash x 1.5 mA/MHz x Freq ALE
+ %SRAM x 0.8 mA/MHz x Freq ALE
+ % PLD x 1 mA/MHz x Freq PLD
+ #PT x 200 µA/PT)
= 25 µA x 0.90 + 0.1 x (0.8 x 1.5 mA/MHz x 4 MHz
+ 0.15 x 0.8 mA/MHz x 4 MHz
+ 1 mA/MHz x 8 MHz
+ 45 x 0.2 mA/PT)
= 22.5 µA + 0.1 x (4.8 + 0.48 + 8 + 9 mA)
= 22.5 µA + 0.1 x 22.28 mA
= 22.5 µA + 2.228 mA
= 2.25 mA
This is the operating power with no Write or Flash memory Erase cycles in progress.
Calculation is based on IOUT = 0 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com