Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 24 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 20Page - STMicroelectronics PSD934215MIT Datasheet HTML 21Page - STMicroelectronics PSD934215MIT Datasheet HTML 22Page - STMicroelectronics PSD934215MIT Datasheet HTML 23Page - STMicroelectronics PSD934215MIT Datasheet HTML 24Page - STMicroelectronics PSD934215MIT Datasheet HTML 25Page - STMicroelectronics PSD934215MIT Datasheet HTML 26Page - STMicroelectronics PSD934215MIT Datasheet HTML 27Page - STMicroelectronics PSD934215MIT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
PSD834F2V
24/89
Figure 6. Priority Level of Memory and I/O
Components
Figure 6 shows the priority levels for all memory
components. Any component on a higher level can
overlap and has priority over any component on a
lower level. Components on the same level must
not overlap. Level one has the highest priority and
level 3 has the lowest.
Memory Select Configuration for MCUs with
Separate Program and Data Spaces. The 8031
and compatible family of MCUs, which includes
the 80C51, 80C151, 80C251, and 80C51XA, have
separate address spaces for Program memory
(selected using Program Select Enable (PSEN,
CNTL2)) and Data memory (selected using Read
Strobe (RD, CNTL1)). Any of the memories within
the PSD can reside in either space or both spaces.
This is controlled through manipulation of the VM
register that resides in the CSIOP space.
The VM register is set using PSDsoft Express to
have an initial value. It can subsequently be
changed by the MCU so that memory mapping
can be changed on-the-fly.
For example, you may wish to have SRAM and pri-
mary Flash memory in the Data space at Boot-up,
and secondary Flash memory in the Program
space at Boot-up, and later swap the primary and
secondary Flash memories. This is easily done
with the VM register by using PSDsoft Express
Configuration to configure it for Boot-up and hav-
ing the MCU change it when desired.
Table 11 describes the VM Register.
Table 11. VM Register
Level 1
SRAM, I /O, or
Peripheral I /O
Level 2
Secondary
Non-Volatile Memory
Highest Priority
Lowest Priority
Level 3
Primary Flash Memory
AI02867D
Bit 7
PIO_EN
Bit 6
Bit 5
Bit 4
Primary
FL_Data
Bit 3
Secondary
EE_Data
Bit 2
Primary
FL_Code
Bit 1
Secondary
EE_Code
Bit 0
SRAM_Code
0 = disable
PIO mode
not used
not used
0 = RD
can’t
access
Flash
memory
0 = RD can’t
access Secondary
Flash memory
0 = PSEN
can’t
access
Flash
memory
0 = PSEN can’t
access Secondary
Flash memory
0 = PSEN
can’t
access
SRAM
1= enable
PIO mode
not used
not used
1 = RD
access
Flash
memory
1 = RD access
Secondary Flash
memory
1 = PSEN
access
Flash
memory
1 = PSEN access
Secondary Flash
memory
1 = PSEN
access
SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com