Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 59 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 59 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 55Page - STMicroelectronics PSD934215MIT Datasheet HTML 56Page - STMicroelectronics PSD934215MIT Datasheet HTML 57Page - STMicroelectronics PSD934215MIT Datasheet HTML 58Page - STMicroelectronics PSD934215MIT Datasheet HTML 59Page - STMicroelectronics PSD934215MIT Datasheet HTML 60Page - STMicroelectronics PSD934215MIT Datasheet HTML 61Page - STMicroelectronics PSD934215MIT Datasheet HTML 62Page - STMicroelectronics PSD934215MIT Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
59/89
PSD834F2V
Table 31. APD Counter Operation
SRAM Standby Mode (Battery Backup). The
PSD supports a battery backup mode in which the
contents of the SRAM are retained in the event of
a power loss. The SRAM has Voltage Stand-by
(VSTBY, PC2) that can be connected to an exter-
nal battery. When VCC becomes lower than VSTBY
then the PSD automatically connects to Voltage
Stand-by (VSTBY, PC2) as a power source to the
SRAM. The SRAM Standby Current (ISTBY) is typ-
ically 0.5 µA. The SRAM data retention voltage is
2 V minimum. The Battery-on Indicator (VBATON)
can be routed to PC4. This signal indicates when
the VCC has dropped below VSTBY.
PSD Chip Select Input (CSI, PD2)
PD2 of Port D can be configured in PSDsoft Ex-
press as PSD Chip Select Input (CSI). When Low,
the signal selects and enables the internal Flash
memory, EEPROM, SRAM, and I/O blocks for
Read or Write operations involving the PSD. A
High on PSD Chip Select Input (CSI, PD2) dis-
ables the Flash memory, EEPROM, and SRAM,
and reduces the PSD power consumption. How-
ever, the PLD and I/O signals remain operational
when PSD Chip Select Input (CSI, PD2) is High.
There may be a timing penalty when using PSD
Chip Select Input (CSI, PD2) depending on the
speed grade of the PSD that you are using. See
the timing parameter tSLQV in Table 50.
Input Clock
The PSD provides the option to turn off CLKIN
(PD1) to the PLD to save AC power consumption.
CLKIN (PD1) is an input to the PLD AND Array and
the Output Macrocells (OMC).
During Power-down mode, or, if CLKIN (PD1) is
not being used as part of the PLD logic equation,
the clock should be disabled to save AC power.
CLKIN (PD1) is disconnected from the PLD AND
Array or the Macrocells block by setting bits 4 or 5
to a 1 in PMMR0.
Input Control Signals
The PSD provides the option to turn off the input
control signals (CNTL0, CNTL1, CNTL2, Address
Strobe (ALE/AS, PD0) and DBE) to the PLD to
save AC power consumption. These control sig-
nals are inputs to the PLD AND Array. During
Power-down mode, or, if any of them are not being
used as part of the PLD logic equation, these con-
trol signals should be disabled to save AC power.
They are disconnected from the PLD AND Array
by setting bits 2, 3, 4, 5, and 6 to a 1 in PMMR2.
Figure 31. Reset (RESET) Timing
APD Enable Bit
ALE PD Polarity
ALE Level
APD Counter
0
X
X
Not Counting
1
X
Pulsing
Not Counting
1
1
1
Counting (Generates PDN after 15 Clocks)
1
0
0
Counting (Generates PDN after 15 Clocks)
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com