Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 52 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 48Page - STMicroelectronics PSD934215MIT Datasheet HTML 49Page - STMicroelectronics PSD934215MIT Datasheet HTML 50Page - STMicroelectronics PSD934215MIT Datasheet HTML 51Page - STMicroelectronics PSD934215MIT Datasheet HTML 52Page - STMicroelectronics PSD934215MIT Datasheet HTML 53Page - STMicroelectronics PSD934215MIT Datasheet HTML 54Page - STMicroelectronics PSD934215MIT Datasheet HTML 55Page - STMicroelectronics PSD934215MIT Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
PSD834F2V
52/89
Figure 26. Port C Structure
Port C – Functionality and Structure
Port C can be configured to perform one or more
of the following functions (see Figure 26):
s
MCU I/O Mode
s
CPLD Output – McellBC7-McellBC0 outputs
can be connected to Port B or Port C.
s
CPLD Input – via the Input Macrocells (IMC)
s
Address In – Additional high address inputs
using the Input Macrocells (IMC).
s
In-System Programming (ISP) – JTAG port can
be enabled for programming/erase of the PSD
device. (See the section entitled “Programming
In-Circuit using the JTAG Serial Interface”, on
page 61, for more information on JTAG
programming.)
s
Open Drain – Port C pins can be configured in
Open Drain Mode
s
Battery Backup features – PC2 can be
configured for a battery input supply, Voltage
Stand-by (VSTBY).
PC4 can be configured as a Battery-on Indicator
(VBATON), indicating when VCC is less than
VBAT.
Port C does not support Address Out mode, and
therefore no Control Register is required.
Pin PC7 may be configured as the DBE input in
certain MCU bus interfaces.
DATA OUT
REG.
DQ
DQ
WR
WR
MCELLBC[ 7:0]
ENABLE PRODUCT TERM (.OE)
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
INPUT
MACROCELL
ENABLE OUT
SPECIAL FUNCTION
1
SPECIAL FUNCTION
1
CONFIGURATION
BIT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT C PIN
DATA OUT
AI02888B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com