Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 18 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 14Page - STMicroelectronics PSD934215MIT Datasheet HTML 15Page - STMicroelectronics PSD934215MIT Datasheet HTML 16Page - STMicroelectronics PSD934215MIT Datasheet HTML 17Page - STMicroelectronics PSD934215MIT Datasheet HTML 18Page - STMicroelectronics PSD934215MIT Datasheet HTML 19Page - STMicroelectronics PSD934215MIT Datasheet HTML 20Page - STMicroelectronics PSD934215MIT Datasheet HTML 21Page - STMicroelectronics PSD934215MIT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 89 page
background image
PSD834F2V
18/89
“Programming Flash Memory”, on page 19, for de-
tails.
Table 8. Status Bit
Note: 1. X = Not guaranteed value, can be read either 1 or 0.
2. DQ7-DQ0 represent the Data Bus bits, D7-D0.
3. FS0-FS7 and CSBOOT0-CSBOOT3 are active High.
Data Polling Flag (DQ7). When erasing or pro-
gramming in Flash memory, the Data Polling Flag
(DQ7) bit outputs the complement of the bit being
entered for programming/writing on the DQ7 bit.
Once the Program instruction or the Write opera-
tion is completed, the true logic value is read on
the Data Polling Flag (DQ7) bit (in a Read opera-
tion).
s
Data Polling is effective after the fourth Write
pulse (for a Program instruction) or after the
sixth Write pulse (for an Erase instruction). It
must be performed at the address being
programmed or at an address within the Flash
memory sector being erased.
s
During an Erase cycle, the Data Polling Flag
(DQ7) bit outputs a 0. After completion of the
cycle, the Data Polling Flag (DQ7) bit outputs
the last bit programmed (it is a 1 after erasing).
s
If the byte to be programmed is in a protected
Flash memory sector, the instruction is ignored.
s
If all the Flash memory sectors to be erased are
protected, the Data Polling Flag (DQ7) bit is
reset to 0 for about 100 µs, and then returns to
the previous addressed byte. No erasure is
performed.
Toggle Flag (DQ6). The PSD offers another way
for determining when the Flash memory Program
cycle is completed. During the internal Write oper-
ation and when either the FS0-FS7 or CSBOOT0-
CSBOOT3 is true, the Toggle Flag (DQ6) bit tog-
gles from 0 to 1 and 1 to 0 on subsequent attempts
to read any byte of the memory.
When the internal cycle is complete, the toggling
stops and the data read on the Data Bus D0-D7 is
the addressed memory byte. The device is now
accessible for a new Read or Write operation. The
cycle is finished when two successive Reads yield
the same output data.
s
The Toggle Flag (DQ6) bit is effective after the
fourth Write pulse (for a Program instruction) or
after the sixth Write pulse (for an Erase
instruction).
s
If the byte to be programmed belongs to a
protected Flash memory sector, the instruction
is ignored.
s
If all the Flash memory sectors selected for
erasure are protected, the Toggle Flag (DQ6) bit
toggles to 0 for about 100 µs and then returns to
the previous addressed byte.
Error Flag (DQ5). During a normal Program or
Erase cycle, the Error Flag (DQ5) bit is to 0. This
bit is set to 1 when there is a failure during Flash
memory Byte Program, Sector Erase, or Bulk
Erase cycle.
In the case of Flash memory programming, the Er-
ror Flag (DQ5) bit indicates the attempt to program
a Flash memory bit from the programmed state, 0,
to the erased state, 1, which is not valid. The Error
Flag (DQ5) bit may also indicate a Time-out condi-
tion while attempting to program a byte.
In case of an error in a Flash memory Sector Erase
or Byte Program cycle, the Flash memory sector in
which the error occurred or to which the pro-
grammed byte belongs must no longer be used.
Other Flash memory sectors may still be used.
The Error Flag (DQ5) bit is reset after a Reset
Flash instruction.
Erase Time-out Flag (DQ3). The Erase Time-
out Flag (DQ3) bit reflects the time-out period al-
lowed between two consecutive Sector Erase in-
structions. The Erase Time-out Flag (DQ3) bit is
reset to 0 after a Sector Erase cycle for a time pe-
riod of 100 µs + 20% unless an additional Sector
Erase instruction is decoded. After this time peri-
od, or when the additional Sector Erase instruction
is decoded, the Erase Time-out Flag (DQ3) bit is
set to 1.
Functional Block
FS0-FS7/CSBOOT0-
CSBOOT3
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Flash Memory
VIH
Data
Polling
Toggle
Flag
Error
Flag
X
Erase
Time-
out
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com