Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 73 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 69Page - STMicroelectronics PSD934215MIT Datasheet HTML 70Page - STMicroelectronics PSD934215MIT Datasheet HTML 71Page - STMicroelectronics PSD934215MIT Datasheet HTML 72Page - STMicroelectronics PSD934215MIT Datasheet HTML 73Page - STMicroelectronics PSD934215MIT Datasheet HTML 74Page - STMicroelectronics PSD934215MIT Datasheet HTML 75Page - STMicroelectronics PSD934215MIT Datasheet HTML 76Page - STMicroelectronics PSD934215MIT Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
73/89
PSD834F2V
Table 46. Input Macrocell Timing
Note: 1. Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE latch timings refer to tAVLX and tLXAX .
Figure 40. Input Macrocell Timing (product term clock)
Symbol
Parameter
Conditions
-10
-15
-20
PT
Aloc
Turbo
Off
Unit
Min
Max
Min
Max
Min
Max
tIS
Input Setup Time
(Note 1)
000
ns
tIH
Input Hold Time
(Note 1)
25
25
30
+ 20
ns
tINH
NIB Input High Time
(Note 1)
12
13
15
ns
tINL
NIB Input Low Time
(Note 1)
12
13
15
ns
tINO
NIB Input to Combinatorial
Delay
(Note 1)
46
62
70
+ 4
+ 20
ns
tINH
tINL
tINO
tIH
tIS
PT CLOCK
INPUT
OUTPUT
AI03101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com