Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 77 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 77 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 73Page - STMicroelectronics PSD934215MIT Datasheet HTML 74Page - STMicroelectronics PSD934215MIT Datasheet HTML 75Page - STMicroelectronics PSD934215MIT Datasheet HTML 76Page - STMicroelectronics PSD934215MIT Datasheet HTML 77Page - STMicroelectronics PSD934215MIT Datasheet HTML 78Page - STMicroelectronics PSD934215MIT Datasheet HTML 79Page - STMicroelectronics PSD934215MIT Datasheet HTML 80Page - STMicroelectronics PSD934215MIT Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 89 page
background image
77/89
PSD834F2V
Figure 42. Write Timing
Table 49. Program, Write and Erase Times
Note: 1. Programmed to all zero before erase.
2. The polling status, DQ7, is valid tQ7VQV time units before the data byte, DQ0-DQ7, is valid for reading.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Flash Program
8.5
s
Flash Bulk Erase1 (pre-programmed)
330
s
Flash Bulk Erase (not pre-programmed)
5
s
tWHQV3
Sector Erase (pre-programmed)
1
30
s
tWHQV2
Sector Erase (not pre-programmed)
2.2
s
tWHQV1
Byte Program
14
1200
µs
Program / Erase Cycles (per Sector)
100,000
cycles
tWHWLO
Sector Erase Time-Out
100
µs
tQ7VQV
DQ7 Valid to Output (DQ7-DQ0) Valid (Data Polling)2
30
ns
tAVLX
t LXAX
t LVLX
tAVWL
tSLWL
t WHDX
t WHAX
t ELTL
t EHEL
t WLMV
t WLWH
tDVWH
tTHEH
tAVPV
ADDRESS
VALID
ADDRESS
VALID
DATA
VALID
DATA
VALID
ADDRESS OUT
t WHPV
STANDARD
MCU I/O OUT
ALE/AS
A/D
MULTIPLEXED
BUS
ADDRESS
NON-MULTIPLEXED
BUS
DATA
NON-MULTIPLEXED
BUS
CSI
WR
(DS)
E
R/ W
AI02896



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com