Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 60 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 56Page - STMicroelectronics PSD934215MIT Datasheet HTML 57Page - STMicroelectronics PSD934215MIT Datasheet HTML 58Page - STMicroelectronics PSD934215MIT Datasheet HTML 59Page - STMicroelectronics PSD934215MIT Datasheet HTML 60Page - STMicroelectronics PSD934215MIT Datasheet HTML 61Page - STMicroelectronics PSD934215MIT Datasheet HTML 62Page - STMicroelectronics PSD934215MIT Datasheet HTML 63Page - STMicroelectronics PSD934215MIT Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
PSD834F2V
60/89
RESET TIMING AND DEVICE STATUS AT RESET
Upon Power-up, the PSD requires a Reset (RE-
SET) pulse of duration tNLNH-PO after VCC is
steady. During this period, the device loads inter-
nal configurations, clears some of the registers
and sets the Flash memory into Operating mode.
After the rising edge of Reset (RESET), the PSD
remains in the Reset mode for an additional peri-
od, tOPR, before the first memory access is al-
lowed.
The Flash memory is reset to the Read mode upon
Power-up.
Sector
Select
(FS0-FS7
and
CSBOOT0-CSBOOT3) must all be Low, Write
Strobe (WR, CNTL0) High, during Power On Re-
set for maximum security of the data contents and
to remove the possibility of a byte being written on
the first edge of Write Strobe (WR, CNTL0). Any
Flash memory Write cycle initiation is prevented
automatically when VCC is below VLKO.
Warm Reset
Once the device is up and running, the device can
be reset with a pulse of a much shorter duration,
tNLNH. The same tOPR period is needed before the
device is operational after warm reset. Figure 31
shows the timing of the Power-up and warm reset.
I/O Pin, Register and PLD Status at Reset
Table 32 shows the I/O pin, register and PLD sta-
tus during Power On Reset, warm reset and Pow-
er-down mode. PLD outputs are always valid
during warm reset, and they are valid in Power On
Reset once the internal PSD Configuration bits are
loaded. This loading of PSD is completed typically
long before the VCC ramps up to operating level.
Once the PLD is active, the state of the outputs are
determined by the PSDabel equations.
Reset of Flash Memory Erase and Program
Cycles
A Reset (RESET) also resets the internal Flash
memory state machine. During a Flash memory
Program or Erase cycle, Reset (RESET) termi-
nates the cycle and returns the Flash memory to
the Read mode within a period of tNLNH-A.
Table 32. Status During Power-On Reset, Warm Reset and Power-down Mode
Note: 1. The SR_cod and PeriphMode bits in the VM Register are always cleared to 0 on Power-On Reset or Warm Reset.
Port Configuration
Power-On Reset
Warm Reset
Power-down Mode
MCU I/O
Input mode
Input mode
Unchanged
PLD Output
Valid after internal PSD
configuration bits are
loaded
Valid
Depends on inputs to PLD
(addresses are blocked in
PD mode)
Address Out
Tri-stated
Tri-stated
Not defined
Data Port
Tri-stated
Tri-stated
Tri-stated
Peripheral I/O
Tri-stated
Tri-stated
Tri-stated
Register
Power-On Reset
Warm Reset
Power-down Mode
PMMR0 and PMMR2
Cleared to 0
Unchanged
Unchanged
Macrocells flip-flop status
Cleared to 0 by internal
Power-On Reset
Depends on .re and .pr
equations
Depends on .re and .pr
equations
VM Register1
Initialized, based on the
selection in PSDsoft
Configuration menu
Initialized, based on the
selection in PSDsoft
Configuration menu
Unchanged
All other registers
Cleared to 0
Cleared to 0
Unchanged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com