Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 71 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 67Page - STMicroelectronics PSD934215MIT Datasheet HTML 68Page - STMicroelectronics PSD934215MIT Datasheet HTML 69Page - STMicroelectronics PSD934215MIT Datasheet HTML 70Page - STMicroelectronics PSD934215MIT Datasheet HTML 71Page - STMicroelectronics PSD934215MIT Datasheet HTML 72Page - STMicroelectronics PSD934215MIT Datasheet HTML 73Page - STMicroelectronics PSD934215MIT Datasheet HTML 74Page - STMicroelectronics PSD934215MIT Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
71/89
PSD834F2V
Table 45. CPLD Macrocell Asynchronous Clock Mode Timing
Symbol
Parameter
Conditions
-10
-15
-20
PT
Aloc
Turbo
Off
Slew
Rate
Unit
Min
Max
Min
Max
Min
Max
fMAXA
Maximum
Frequency
External
Feedback
1/(tSA+tCOA)
21.7
19.2
16.9
MHz
Maximum
Frequency
Internal
Feedback
(fCNTA)
1/(tSA+tCOA–10)
27.8
23.8
20.4
MHz
Maximum
Frequency
Pipelined Data
1/(tCHA+tCLA)
33.3
27
24.4
MHz
tSA
Input Setup
Time
10
12
13
+ 4
+ 20
ns
tHA
Input Hold Time
12
15
17
ns
tCHA
Clock High
Time
17
22
25
+ 20
ns
tCLA
Clock Low Time
13
15
16
+ 20
ns
tCOA
Clock to Output
Delay
36
40
46
+ 20
– 6
ns
tARD
CPLD Array
Delay
Any macrocell
25
29
33
+ 4
ns
tMINA
Minimum Clock
Period
1/fCNTA
36
42
49
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com