Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 41 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 37Page - STMicroelectronics PSD934215MIT Datasheet HTML 38Page - STMicroelectronics PSD934215MIT Datasheet HTML 39Page - STMicroelectronics PSD934215MIT Datasheet HTML 40Page - STMicroelectronics PSD934215MIT Datasheet HTML 41Page - STMicroelectronics PSD934215MIT Datasheet HTML 42Page - STMicroelectronics PSD934215MIT Datasheet HTML 43Page - STMicroelectronics PSD934215MIT Datasheet HTML 44Page - STMicroelectronics PSD934215MIT Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 89 page
background image
41/89
PSD834F2V
The first configuration is 80C31 compatible, and
the bus interface to the PSD is identical to that
shown in Figure 19. The second and third configu-
rations have the same bus connection as shown in
Figure 17. There is only one Read Strobe (PSEN)
connected to CNTL1 on the PSD. The A16 con-
nection to PA0 allows for a larger address input to
the PSD. The fourth configuration is shown in Fig-
ure 20. Read Strobe (RD) is connected to CNTL1
and Program Select Enable (PSEN) is connected
to CNTL2.
The 80C251 has two major operating modes:
Page mode and Non-page mode. In Non-page
mode, the data is multiplexed with the lower ad-
dress byte, and Address Strobe (ALE/AS, PD0) is
active in every bus cycle. In Page mode, data (D7-
D0) is multiplexed with address (A15-A8). In a bus
cycle where there is a Page hit, Address Strobe
(ALE/AS, PD0) is not active and only addresses
(A7-A0) are changing. The PSD supports both
modes. In Page Mode, the PSD bus timing is iden-
tical to Non-Page Mode except the address hold
time and setup time with respect to Address
Strobe (ALE/AS, PD0) is not required. The PSD
access time is measured from address (A7-A0)
valid to data in valid.
Table 17. Interfacing the PSD with the 80C251, with One Read Input
Note: 1. The A16 and A17 connections are optional.
2. In non-Page-Mode, AD7-AD0 connects to ADIO7-ADIO0.
ADIO0
ADIO1
ADIO2
ADIO3
ADIO4
ADIO5
ADIO6
ADIO7
ADIO8
ADIO9
ADIO10
ADIO11
ADIO12
ADIO13
ADIO14
ADIO15
CNTL0 (WR)
CNTL1(RD)
CNTL 2(PSEN)
PD0- ALE
PD1
PD2
RESET
32
26
43
42
41
40
39
38
37
36
24
25
27
28
29
30
31
33
A0
A1
A2
A3
A4
A5
A6
A7
AD8
AD9
AD10
AD14
AD15
AD13
AD11
AD12
A0
A1
A2
A3
A4
A5
A6
A7
AD8
AD9
AD10
AD11
AD15
ALE
WR
A16
RD
AD14
AD12
AD13
14
9
2
3
4
5
6
7
8
21
20
11
13
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P3.0/RXD
P3.1/TXD
P3.2/INT0
X2
X1
P3.3/INT1
RST
EA
A161
P0.1
P0.0
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
ALE
PSEN
WR
RD/A16
PC0
PC1
PC3
PC4
PC5
PC6
PC7
19
18
30
31
32
33
34
35
36
37
39
40
41
42
43
44
45
46
48
8
9
10
49
50
47
29
28
27
25
24
23
22
21
20
19
18
17
14
13
12
11
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
7
6
5
4
3
2
52
51
80C251SB
PSD
RESET
RESET
35
P3.4/T0
P3.5/T1
16
15
17
10
RESET
PC2
AI02881C
A171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com