Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 12 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 8Page - STMicroelectronics PSD934215MIT Datasheet HTML 9Page - STMicroelectronics PSD934215MIT Datasheet HTML 10Page - STMicroelectronics PSD934215MIT Datasheet HTML 11Page - STMicroelectronics PSD934215MIT Datasheet HTML 12Page - STMicroelectronics PSD934215MIT Datasheet HTML 13Page - STMicroelectronics PSD934215MIT Datasheet HTML 14Page - STMicroelectronics PSD934215MIT Datasheet HTML 15Page - STMicroelectronics PSD934215MIT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
PSD834F2V
12/89
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
29
28
27
25
24
23
22
21
I/O
These pins make up Port A. These port pins are configurable and can have the following
functions:
1. MCU I/O – write to or read from a standard output or input port.
2. CPLD macrocell (McellAB0-7) outputs.
3. Inputs to the PLDs.
4. Latched address outputs (see Table 5).
5. Address inputs. For example, PA0-3 could be used for A0-A3 when using an 80C51XA
in burst mode.
6. As the data bus inputs D0-D7 for non-multiplexed address/data bus MCUs.
7. D0/A16-D3/A19 in M37702M2 mode.
8. Peripheral I/O mode.
Note: PA0-PA3 can only output CMOS signals with an option for high slew rate. However,
PA4-PA7 can be configured as CMOS or Open Drain Outputs.
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
7
6
5
4
3
2
52
51
I/O
These pins make up Port B. These port pins are configurable and can have the following
functions:
1. MCU I/O – write to or read from a standard output or input port.
2. CPLD macrocell (McellAB0-7 or McellBC0-7) outputs.
3. Inputs to the PLDs.
4. Latched address outputs (see Table 5).
Note: PB0-PB3 can only output CMOS signals with an option for high slew rate. However,
PB4-PB7 can be configured as CMOS or Open Drain Outputs.
PC0
20
I/O
PC0 pin of Port C. This port pin can be configured to have the following functions:
1. MCU I/O – write to or read from a standard output or input port.
2. CPLD macrocell (McellBC0) output.
3. Input to the PLDs.
4. TMS Input2 for the JTAG Serial Interface.
This pin can be configured as a CMOS or Open Drain output.
PC1
19
I/O
PC1 pin of Port C. This port pin can be configured to have the following functions:
1. MCU I/O – write to or read from a standard output or input port.
2. CPLD macrocell (McellBC1) output.
3. Input to the PLDs.
4. TCK Input2 for the JTAG Serial Interface.
This pin can be configured as a CMOS or Open Drain output.
PC2
18
I/O
PC2 pin of Port C. This port pin can be configured to have the following functions:
1. MCU I/O – write to or read from a standard output or input port.
2. CPLD macrocell (McellBC2) output.
3. Input to the PLDs.
4. VSTBY – SRAM stand-by voltage input for SRAM battery backup.
This pin can be configured as a CMOS or Open Drain output.
PC3
17
I/O
PC3 pin of Port C. This port pin can be configured to have the following functions:
1. MCU I/O – write to or read from a standard output or input port.
2. CPLD macrocell (McellBC3) output.
3. Input to the PLDs.
4. TSTAT output2 for the JTAG Serial Interface.
5. Ready/Busy output for parallel In-System Programming (ISP).
This pin can be configured as a CMOS or Open Drain output.
PC4
14
I/O
PC4 pin of Port C. This port pin can be configured to have the following functions:
1. MCU I/O – write to or read from a standard output or input port.
2. CPLD macrocell (McellBC4) output.
3. Input to the PLDs.
4. TERR output2 for the JTAG Serial Interface.
5. Battery-on Indicator (VBATON). Goes High when power is being drawn from the
external battery.
This pin can be configured as a CMOS or Open Drain output.
Pin Name
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com