Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 76 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 76 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 72Page - STMicroelectronics PSD934215MIT Datasheet HTML 73Page - STMicroelectronics PSD934215MIT Datasheet HTML 74Page - STMicroelectronics PSD934215MIT Datasheet HTML 75Page - STMicroelectronics PSD934215MIT Datasheet HTML 76Page - STMicroelectronics PSD934215MIT Datasheet HTML 77Page - STMicroelectronics PSD934215MIT Datasheet HTML 78Page - STMicroelectronics PSD934215MIT Datasheet HTML 79Page - STMicroelectronics PSD934215MIT Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
PSD834F2V
76/89
Table 48. Write Timing
Note: 1. Any input used to select an internal PSD function.
2. In multiplexed mode, latched address generated from ADIO delay to address output on any port.
3. WR has the same timing as E, LDS, UDS, WRL, and WRH signals.
4. Assuming data is stable before active write signal.
5. Assuming write is active before data becomes valid.
6. TWHAX2 is the address hold time for DPLD inputs that are used to generate Sector Select signals for internal PSD memory.
Symbol
Parameter
Conditions
-10
-15
-20
Unit
Min
Max
Min
Max
Min
Max
tLVLX
ALE or AS Pulse Width
26
26
30
tAVLX
Address Setup Time
(Note 1)
910
12
ns
tLXAX
Address Hold Time
(Note 1)
912
14
ns
tAVWL
Address Valid to Leading
Edge of WR
(Notes 1,3)
17
20
25
ns
tSLWL
CS Valid to Leading Edge of WR
(Note 3)
17
20
25
ns
tDVWH
WR Data Setup Time
(Note 3)
45
45
50
ns
tWHDX
WR Data Hold Time
(Note 3)
7
8
10
ns
tWLWH
WR Pulse Width
(Note 3)
46
48
53
ns
tWHAX1
Trailing Edge of WR to Address Invalid
(Note 3)
10
12
17
ns
tWHAX2
Trailing Edge of WR to DPLD Address
Invalid
(Note 3,6)
00
0
ns
tWHPV
Trailing Edge of WR to Port Output
Valid Using I/O Port Data Register
(Note 3)
33
35
40
ns
tDVMV
Data Valid to Port Output Valid
Using Macrocell Register Preset/Clear
(Notes 3,5)
70
70
80
ns
tAVPV
Address Input Valid to Address
Output Delay
(Note 2)
33
35
40
ns
tWLMV
WR Valid to Port Output Valid Using
Macrocell Register Preset/Clear
(Notes 3,4)
70
70
80
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com