Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 34 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 34 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 30Page - Lattice Semiconductor ECP2 Datasheet HTML 31Page - Lattice Semiconductor ECP2 Datasheet HTML 32Page - Lattice Semiconductor ECP2 Datasheet HTML 33Page - Lattice Semiconductor ECP2 Datasheet HTML 34Page - Lattice Semiconductor ECP2 Datasheet HTML 35Page - Lattice Semiconductor ECP2 Datasheet HTML 36Page - Lattice Semiconductor ECP2 Datasheet HTML 37Page - Lattice Semiconductor ECP2 Datasheet HTML 38Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 386 page
background image
2-31
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Table 2-12. PIO Signals List
PIO
The PIO contains four blocks: an input register block, output register block, tristate register block and a control logic
block. These blocks contain registers for operating in a variety of modes along with the necessary clock and selec-
tion logic.
Input Register Block
The input register blocks for PIOs in left, right and bottom edges contain delay elements and registers that can be
used to condition high-speed interface signals, such as DDR memory interfaces and source synchronous inter-
faces, before they are passed to the device core. Figure 2-29 shows the diagram of the input register block for left,
right and bottom edges. The input register block for the top edge contains one memory element to register the input
signal as shown in Figure 2-30. The following description applies to the input register block for PIOs in the left, right
and bottom edges of the device.
Input signals are fed from the sysI/O buffer to the input register block (as signal DI). If desired, the input signal can
bypass the register and delay elements and be used directly as a combinatorial signal (INDD), a clock (INCK) and,
in selected blocks, the input to the DQS delay block. If an input delay is desired, designers can select either a fixed
delay or a dynamic delay DEL[3:0]. The delay, if selected, reduces input register hold time requirements when
using a global clock.
The input block allows three modes of operation. In the single data rate (SDR) the data is registered, by one of the
registers in the single data rate sync register block, with the system clock. In DDR Mode, two registers are used to
sample the data on the positive and negative edges of the DQS signal, creating two data streams, D0 and D1.
These two data streams are synchronized with the system clock before entering the core. Further discussion on
this topic is in the DDR Memory section of this data sheet.
Name
Type
Description
CE0, CE1
Control from the core
Clock enables for input and output block flip-flops
CLK0, CLK1
Control from the core
System clocks for input and output blocks
ECLK1, ECLK2
Control from the core
Fast edge clocks
LSR
Control from the core
Local Set/Reset
GSRN
Control from routing
Global Set/Reset (active low)
INCK
2
Input to the core
Input to Primary Clock Network or PLL reference inputs
DQS
Input to PIO
DQS signal from logic (routing) to PIO
INDD
Input to the core
Unregistered data input to core
INFF
Input to the core
Registered input on positive edge of the clock (CLK0)
IPOS0, IPOS1
Input to the core
Double data rate registered inputs to the core
QPOS0
1, QPOS11
Input to the core
Gearbox pipelined inputs to the core
QNEG0
1, QNEG11
Input to the core
Gearbox pipelined inputs to the core
OPOS0, ONEG0,
OPOS2, ONEG2
Output data from the core
Output signals from the core for SDR and DDR operation
OPOS1 ONEG1
Tristate control from the core
Signals to Tristate Register block for DDR operation
DEL[3:0]
Control from the core
Dynamic input delay control bits
TD
Tristate control from the core
Tristate signal from the core used in SDR operation
DDRCLKPOL
Control from clock polarity bus Controls the polarity of the clock (CLK0) that feed the DDR input block
DQSXFER
Control from core
Controls signal to the Output block
1. Signals available on left/right/bottom only.
2. Selected I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com