Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 36 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 36 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 32Page - Lattice Semiconductor ECP2 Datasheet HTML 33Page - Lattice Semiconductor ECP2 Datasheet HTML 34Page - Lattice Semiconductor ECP2 Datasheet HTML 35Page - Lattice Semiconductor ECP2 Datasheet HTML 36Page - Lattice Semiconductor ECP2 Datasheet HTML 37Page - Lattice Semiconductor ECP2 Datasheet HTML 38Page - Lattice Semiconductor ECP2 Datasheet HTML 39Page - Lattice Semiconductor ECP2 Datasheet HTML 40Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 386 page
background image
2-33
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-30. Input Register Block Top Edge
Output Register Block
The output register block provides the ability to register signals from the core of the device before they are passed
to the sysI/O buffers. The blocks on the PIOs on the left, right and bottom contain a register for SDR operation that
is combined with an additional latch for DDR operation. Figure 2-31 shows the diagram of the Output Register
Block for PIOs on the left, right and the bottom edges. Figure 2-32 shows the diagram of the Output Register Block
for PIOs on the top edge of the device.
In SDR mode, ONEG0 feeds one of the flip-flops that then feeds the output. The flip-flop can be configured as a D-
type or latch. In DDR mode, ONEG0 and OPOS0 are fed into registers on the positive edge of the clock. Then at
the next clock cycle this registered OPOS0 is latched. A multiplexer running off the same clock selects the correct
register for feeding to the output (D0).
By combining the output blocks of the complementary PIOs and sharing some registers from input blocks, a gear-
box function can be implemented, that takes four data streams: ONEG0A, ONEG1A, ONEG1B and ONEG1B.
Figure 2-32 shows the diagram using this gearbox function. For more information about this topic, please see infor-
mation regarding additional documentation at the end of this data sheet.
Fixed Delay
Dynamic Delay
Note: Simplified version does not show CE and SET/RESET details.
*On selected blocks.
DI
(from sysIO
buffer)
CLK0
(from
routing)
DEL[3:0]
INCK*
INDD
D-Type
IPOS0
/LATCH
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com