Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 89 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 89 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 85Page - Lattice Semiconductor ECP2 Datasheet HTML 86Page - Lattice Semiconductor ECP2 Datasheet HTML 87Page - Lattice Semiconductor ECP2 Datasheet HTML 88Page - Lattice Semiconductor ECP2 Datasheet HTML 89Page - Lattice Semiconductor ECP2 Datasheet HTML 90Page - Lattice Semiconductor ECP2 Datasheet HTML 91Page - Lattice Semiconductor ECP2 Datasheet HTML 92Page - Lattice Semiconductor ECP2 Datasheet HTML 93Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 386 page
background image
3-37
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
DLL Timing
Over Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Units
fREF
Input reference clock frequency (on-chip or off-chip)
100
—
500
MHz
fFB
Feedback clock frequency (on-chip or off-chip)
100
—
500
MHz
fCLKOP
1
Output clock frequency, CLKOP
100
—
500
MHz
fCLKOS
2
Output clock frequency, CLKOS
25
—
500
MHz
tPJIT
Output clock period jitter (clean input)
—
250
ps p-p
tCYJIT
Output clock cycle to cycle jitter (clean input)
250
ps p-p
tDUTY
Output clock duty cycle (at 50% levels, 50% duty cycle input clock,
50% duty cycle circuit turned off, time reference delay mode)
35
65
%
tDUTYTRD
Output clock duty cycle (at 50% levels, arbitrary duty cycle input
clock, 50% duty cycle circuit enabled, time reference delay mode)
40
60
%
tDUTYCIR
Output clock duty cycle (at 50% levels, arbitrary duty cycle input
clock, 50% duty cycle circuit enabled, clock injection removal
mode)
40
60
%
tSKEW
3
Output clock to clock skew between two outputs with the same
phase setting
—
—
100
ps
tPWH
Input clock minimum pulse width high (at 80% level)
750
—
—
ps
tPWL
Input clock minimum pulse width low (at 20% level)
750
—
—
ps
tR, tF
Input clock rise and fall time (20% to 80% levels)
—
—
1
ns
tINSTB
Input clock period jitter
—
—
+/-250
ps
tLOCK
DLL lock time
18,500
—
—
cycles
tRSWD
Digital reset minimum pulse width (at 80% level)
3
—
—
ns
tPA
Delay step size
16.5
42
59.4
ps
tRANGE1
Max. delay setting for single delay block (144 taps)
2.376
6
8.553
ns
tRANGE4
Max. delay setting for four chained delay blocks
9.504
24
34.214
ns
1. CLKOP runs at the same frequency as the input clock.
2. CLKOS minimum frequency is obtained with divide by 4.
3. This is intended to be a “path-matching” design guideline and is not a measurable specification.
Timing v.A 0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com