Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 97 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 97 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 93Page - Lattice Semiconductor ECP2 Datasheet HTML 94Page - Lattice Semiconductor ECP2 Datasheet HTML 95Page - Lattice Semiconductor ECP2 Datasheet HTML 96Page - Lattice Semiconductor ECP2 Datasheet HTML 97Page - Lattice Semiconductor ECP2 Datasheet HTML 98Page - Lattice Semiconductor ECP2 Datasheet HTML 99Page - Lattice Semiconductor ECP2 Datasheet HTML 100Page - Lattice Semiconductor ECP2 Datasheet HTML 101Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 386 page
background image
3-45
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 3-14. sysCONFIG Parallel Port Read Cycle
Figure 3-15. sysCONFIG Parallel Port Write Cycle
tSUSPI
SOSPI Data Setup Time Before CCLK
7
—
ns
tHSPI
SOSPI Data Hold Time After CCLK
2
—
ns
Timing v.A 0.11
Parameter
Min.
Max.
Units
Master Clock Frequency
Selected value - 30%
Selected value + 30%
MHz
Duty Cycle
40
60
%
Timing v.A 0.11
LatticeECP2/M sysCONFIG Port Timing Specifications (Continued)
Over Recommended Operating Conditions
Parameter
Description
Min.
Max.
Units
CCLK
CS1N
CSN
WRITEN
BUSY
D[0:7]
t
SUCS
t
HCS
t
SUWD
t
CORD
t
DCB
t
HWD
t
BSCYC
t
BSCH
t
BSCL
Byte 0
Byte 1
Byte 2
Byte n*
*n = last byte of read cycle.
CCLK
CS1N
CSN
WRITEN
BUSY
D[0:7]
t
SUCS
t
HCS
t
SUWD
t
HCBDI
t
DCB
t
HWD
t
BSCH
t
BSCL
t
SUCBDI
Byte 0
Byte 1
Byte 2
Byte n*
*n = last byte of write cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com