Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 41Page - Lattice Semiconductor ECP2 Datasheet HTML 42Page - Lattice Semiconductor ECP2 Datasheet HTML 43Page - Lattice Semiconductor ECP2 Datasheet HTML 44Page - Lattice Semiconductor ECP2 Datasheet HTML 45Page - Lattice Semiconductor ECP2 Datasheet HTML 46Page - Lattice Semiconductor ECP2 Datasheet HTML 47Page - Lattice Semiconductor ECP2 Datasheet HTML 48Page - Lattice Semiconductor ECP2 Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 386 page
background image
2-42
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-38. LatticeECP2M Banks
LatticeECP2/M devices contain two types of sysI/O buffer pairs.
1.
Top (Bank 0 and Bank 1) sysI/O Buffer Pairs (Single-Ended Outputs Only)
The sysI/O buffer pairs in the top banks of the device consist of two single-ended output drivers and two sets of
single-ended input buffers (both ratioed and referenced). One of the referenced input buffers can also be con-
figured as a differential input.
The two pads in the pair are described as “true” and “comp”, where the true pad is associated with the positive
side of the differential input buffer and the comp (complementary) pad is associated with the negative side of
the differential input buffer.
2.
Bottom (Bank 4 and Bank 5) sysI/O Buffer Pairs (Single-Ended Outputs Only)
The sysI/O buffer pairs in the bottom banks of the device consist of two single-ended output drivers and two
V
REF1(7)
GND
V
CCIO7
V
REF2(7)
V
REF1(6)
GND
V
CCIO6
V
REF2(6)
VREF1(2)
GND
V
CCIO2
V REF2(2)
VREF1(3)
GND
V
CCIO3
V REF2(3)
GND
VCCIO8
Bank 5
Bank 4
Bank 0
Bank 1
BOTTOM
SERDES
Quad
SERDES
Quad
SERDES
Quad
SERDES
Quad
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com