Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 60 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 60 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 56Page - Lattice Semiconductor ECP2 Datasheet HTML 57Page - Lattice Semiconductor ECP2 Datasheet HTML 58Page - Lattice Semiconductor ECP2 Datasheet HTML 59Page - Lattice Semiconductor ECP2 Datasheet HTML 60Page - Lattice Semiconductor ECP2 Datasheet HTML 61Page - Lattice Semiconductor ECP2 Datasheet HTML 62Page - Lattice Semiconductor ECP2 Datasheet HTML 63Page - Lattice Semiconductor ECP2 Datasheet HTML 64Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 386 page
background image
3-8
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
SERDES Power Supply Requirements (LatticeECP2M Family Only)
1
Over Recommended Operating Conditions
SERDES Power (LatticeECP2M Family Only)
Table 3-1 presents the SERDES power for one channel.
Table 3-1. SERDES Power
1
Symbol
Description
Typ.
2
Units
Standby (Power Down)
ICCTX-SB
VCCTX current (per channel)
10
µA
ICCRX-SB
VCCRX current (per channel)
75
µA
ICCIB-SB
Input buffer current (per channel)
0
µA
ICCOB-SB
Output buffer current (per channel)
0
µA
ICCP-SB
SERDES PLL current (per quad)
30
µA
ICCAX33-SB
SERDES termination current (per quad)
10
µA
Operating (Data Rate = 3.125 Gbps)
ICCTX-OP
VCCTX current (per channel)
19
mA
ICCRX-OP
VCCRX current (per channel)
34
mA
ICCIB-OP
Input buffer current (per channel)
4
mA
ICCOB-OP
Output buffer current (per channel)
13
mA
ICCP-OP
SERDES PLL current (per quad)
26
mA
ICCAX33-OP
SERDES termination current (per quad)
0.01
mA
1. Equalization enabled, pre-emphasis disabled.
2. TJ = 25°C, power supplies at nominal voltage.
Symbol
Description
Typ.
2
Units
PS-1CH-31
SERDES power (one channel @ 3.125 Gbps)
90
mW
PS-1CH-25
SERDES power (one channel @ 2.5 Gbps)
87
mW
PS-1CH-12
SERDES power (one channel @ 1.25 Gbps)
86
mW
PS-1CH-02
SERDES power (one channel @ 250 Mbps)
76
mW
1. One quarter of the total quad power (includes contribution from common circuits, all channels in the quad operating, pre-emphasis dis-
abled, equalization enabled).
2. Typical values measured at 25
oC and 1.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com