Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 63 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 63 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 59Page - Lattice Semiconductor ECP2 Datasheet HTML 60Page - Lattice Semiconductor ECP2 Datasheet HTML 61Page - Lattice Semiconductor ECP2 Datasheet HTML 62Page - Lattice Semiconductor ECP2 Datasheet HTML 63Page - Lattice Semiconductor ECP2 Datasheet HTML 64Page - Lattice Semiconductor ECP2 Datasheet HTML 65Page - Lattice Semiconductor ECP2 Datasheet HTML 66Page - Lattice Semiconductor ECP2 Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 386 page
background image
3-11
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
sysI/O Differential Electrical Characteristics
LVDS
Over Recommended Operating Conditions
Differential HSTL and SSTL
Differential HSTL and SSTL outputs are implemented as a pair of complementary single-ended outputs. All allow-
able single-ended output classes (class I and class II) are supported in this mode.
For further information about LVPECL, RSDS, MLVDS, BLVDS and other differential interfaces please see the list
of additional technical information at the end of this data sheet.
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Units
VINP, VINM Input Voltage
0
—
2.4
V
VCM
Input Common Mode Voltage
Half the Sum of the Two Inputs
0.05
—
2.35
V
VTHD
Differential Input Threshold
Difference Between the Two Inputs
+/-100
—
—
mV
IIN
Input Current
Power On or Power Off
—
—
+/-10
µA
VOH
Output High Voltage for VOP or VOM RT = 100 Ohm
—
1.38
1.60
V
VOL
Output Low Voltage for VOP or VOM
RT = 100 Ohm
0.9V
1.03
—
V
VOD
Output Voltage Differential
(VOP - VOM), RT = 100 Ohm
250
350
450
mV
ΔVOD
Change in VOD Between High and
Low
—
—
50
mV
VOS
Output Voltage Offset
(VOP + VOM)/2, RT = 100 Ohm
1.125
1.20
1.375
V
ΔVOS
Change in VOS Between H and L
—
—
50
mV
ISA
Output Short Circuit Current
VOD = 0V Driver Outputs Shorted to
Ground
—
—
24
mA
ISAB
Output Short Circuit Current
VOD = 0V Driver Outputs Shorted to
Each Other
—
—
12
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com