Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 25 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 25 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 21Page - Lattice Semiconductor ECP2 Datasheet HTML 22Page - Lattice Semiconductor ECP2 Datasheet HTML 23Page - Lattice Semiconductor ECP2 Datasheet HTML 24Page - Lattice Semiconductor ECP2 Datasheet HTML 25Page - Lattice Semiconductor ECP2 Datasheet HTML 26Page - Lattice Semiconductor ECP2 Datasheet HTML 27Page - Lattice Semiconductor ECP2 Datasheet HTML 28Page - Lattice Semiconductor ECP2 Datasheet HTML 29Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 386 page
background image
2-22
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
• MULT (Multiply)
• MAC (Multiply, Accumulate)
• MULTADDSUB (Multiply, Addition/Subtraction)
• MULTADDSUBSUM (Multiply, Addition/Subtraction, Accumulate)
The number of elements available on each block depends in the width selected from the three available options x9,
x18, and x36. A number of these elements are concatenated for highly parallel implementations of DSP functions.
Table 2-7 shows the capabilities of the block.
Table 2-7. Maximum Number of Elements in a Block
Some options are available in four elements. The input register in all the elements can be directly loaded or can be
loaded as a shift register from previous operand registers. By selecting “dynamic operation” the following opera-
tions are possible:
• In the ‘Signed/Unsigned’ options the operands can be switched between signed and unsigned on every cycle.
• In the ‘Add/Sub’ option the Accumulator can be switched between addition and subtraction on every cycle.
• The loading of operands can switch between parallel and serial operations.
Width of Multiply
x9
x18
x36
MULT
8
4
1
MAC
2
2
—
MULTADDSUB
4
2
—
MULTADDSUBSUM
2
1
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com