Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 38 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 38 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 34Page - Lattice Semiconductor ECP2 Datasheet HTML 35Page - Lattice Semiconductor ECP2 Datasheet HTML 36Page - Lattice Semiconductor ECP2 Datasheet HTML 37Page - Lattice Semiconductor ECP2 Datasheet HTML 38Page - Lattice Semiconductor ECP2 Datasheet HTML 39Page - Lattice Semiconductor ECP2 Datasheet HTML 40Page - Lattice Semiconductor ECP2 Datasheet HTML 41Page - Lattice Semiconductor ECP2 Datasheet HTML 42Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 386 page
background image
2-35
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-32. Output and Tristate Block, Top Edge
Tristate Register Block
The tristate register block provides the ability to register tri-state control signals from the core of the device before
they are passed to the sysI/O buffers. The block contains a register for SDR operation and an additional latch for
DDR operation. Figure 2-31 shows the diagram of the Tristate Register Block with the Output Block for the left, right
and bottom edges and Figure 2-32 shows the diagram of the Tristate Register Block with the Output Block for the
top edge.
In SDR mode, ONEG1 feeds one of the flip-flops that then feeds the output. The flip-flop can be configured a D-
type or latch. In DDR mode, ONEG1 and OPOS1 are fed into registers on the positive edge of the clock. Then in
the next clock the registered OPOS1 is latched. A multiplexer running off the same clock cycle selects the correct
register for feeding to the output (D0).
Control Logic Block
The control logic block allows the selection and modification of control signals for use in the PIO block. A clock is
selected from one of the clock signals provided from the general purpose routing, one of the edge clocks (ECLK1/
ECLK2) and a DQS signal provided from the programmable DQS pin and provided to the input register block. The
clock can optionally be inverted.
DDR Memory Support
Certain PICs have additional circuitry to allow the implementation of high speed source synchronous and DDR
memory interfaces. The support varies by the edge of the device as detailed below.
Left and Right Edges
PICs on these edges have registered elements that support DDR memory interfaces. One of every 16 PIOs con-
tains a delay element to facilitate the generation of DQS signals. The DQS signal feeds the DQS bus that spans the
set of 16 PIOs. Figure 2-33 shows the assignment of DQS pins in each set of 16 PIOs.
Bottom Edge
PICs on the bottom edge have registered elements that support DDR memory interfaces. One of every 18 PIOs
contains a delay element to facilitate the generation of DQS signals. The DQS signal feeds the DQS bus that spans
the set of 18 PIOs. Figure 2-34 shows the assignment of DQS pins in each set of 18 PIOs.
TO
ONEG1
Note: Simplified version does not show CE and SET/RESET details.
TD
D
Q
D-Type
0
1
0
1
D
Q
D-Type
/LATCH
0
1
ONEG0
DO
ECLK1
ECLK2
CLK1
Tristate Logic
Output Logic
(CLKA)
0
1
/LATCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com