Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 59 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 59 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 55Page - Lattice Semiconductor ECP2 Datasheet HTML 56Page - Lattice Semiconductor ECP2 Datasheet HTML 57Page - Lattice Semiconductor ECP2 Datasheet HTML 58Page - Lattice Semiconductor ECP2 Datasheet HTML 59Page - Lattice Semiconductor ECP2 Datasheet HTML 60Page - Lattice Semiconductor ECP2 Datasheet HTML 61Page - Lattice Semiconductor ECP2 Datasheet HTML 62Page - Lattice Semiconductor ECP2 Datasheet HTML 63Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 386 page
background image
3-7
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2M Initialization Supply Current
1, 2, 3, 4
Over Recommended Operating Conditions
Symbol
Parameter
Device
Typ.
5, 6
Units
ICC
Core Power Supply Current
ECP2M20
41
mA
ECP2M35
107
mA
ECP2M50
169
mA
ECP2M70
254
mA
ECP2M100
378
mA
ICCAUX
Auxiliary Power Supply Current
ECP2M20
30
mA
ECP2M35
30
mA
ECP2M50
30
mA
ECP2M70
30
mA
ECP2M100
30
mA
ICCGPLL
GPLL Power Supply Current (per GPLL)
All Devices
0.5
mA
ICCSPLL
SPLL Power Supply Current (per SPLL)
All Devices
0.5
mA
ICCIO
Bank Power Supply Current (per Bank)
All Devices
3
mA
ICCJ
VCCJ Power Supply Current
All Devices
4
mA
1. Until DONE signal is active.
2. For further information about supply current, please see the list of additional technical documentation at the end of this data sheet.
3. Assumes all outputs are tristated, all inputs are configured as LVCMOS and held at the VCCIO or GND.
4. Frequency 0MHz.
5. TJ = 25
oC, power supplies at nominal voltage.
6. A specific configuration pattern is used that scales with the size of the device; consists of 75% PFU utilization, 50% EBR, and 25% I/O con-
figuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com