Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 53 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 53 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 49Page - Lattice Semiconductor ECP2 Datasheet HTML 50Page - Lattice Semiconductor ECP2 Datasheet HTML 51Page - Lattice Semiconductor ECP2 Datasheet HTML 52Page - Lattice Semiconductor ECP2 Datasheet HTML 53Page - Lattice Semiconductor ECP2 Datasheet HTML 54Page - Lattice Semiconductor ECP2 Datasheet HTML 55Page - Lattice Semiconductor ECP2 Datasheet HTML 56Page - Lattice Semiconductor ECP2 Datasheet HTML 57Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 386 page
background image
www.latticesemi.com
3-1
DS1006 DC and Switching_01.7
February 2008
Data Sheet DS1006
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Recommended Operating Conditions
Absolute Maximum Ratings
1, 2, 3
1. Stress above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
2. Compliance with the Lattice Thermal Management document is required.
3. All voltages referenced to GND.
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . -0.5 to 1.32V
Supply Voltage VCCAUX . . . . . . . . . . . . . . . . -0.5 to 3.75V
Supply Voltage VCCJ . . . . . . . . . . . . . . . . . . -0.5 to 3.75V
Output Supply Voltage VCCIO . . . . . . . . . . . -0.5 to 3.75V
Input or I/O Tristate Voltage Applied
4 . . . . . . -0.5 to 3.75V
Storage Temperature (Ambient) . . . . . . . . . -65 to 150°C
Junction Temperature (Tj) . . . . . . . . . . . . . . . . . . +125°C
4. Overshoot and undershoot of -2V to (VIHMAX + 2) volts is permitted for a duration of <20ns.
Symbol
Parameter
Min.
Max.
Units
VCC
1, 4, 5
Core Supply Voltage
1.14
1.26
V
VCCAUX
1, 3, 4, 5
Auxiliary Supply Voltage
3.135
3.465
V
VCCPLL
PLL Supply Voltage
1.14
1.26
V
VCCIO
1, 2, 4
I/O Driver Supply Voltage
1.14
3.465
V
VCCJ
1
Supply Voltage for IEEE 1149.1 Test Access Port
1.14
3.465
V
tJCOM
Junction Temperature, Commercial Operation
0
85
°C
tJIND
Junction Temperature, Industrial Operation
-40
100
°C
SERDES External Power Supply (For LatticeECP2M Family Only)
VCCIB
Input Buffer Power Supply (1.2V)
1.14
1.26
V
Input Buffer Power Supply (1.5V)
1.425
1.575
V
VCCOB
Output Buffer Power Supply (1.2V)
1.14
1.26
V
Output Buffer Power Supply (1.5V)
1.425
1.575
V
VCCAUX33
Termination Resistor Switching Power Supply
3.135
3.465
V
VCCRX
6
Receive Power Supply
1.14
1.26
V
VCCTX
6
Transmit Power Supply
1.14
1.26
V
VCCP
6
PLL and Reference Clock Buffer Power
1.14
1.26
V
1. If VCCIO or VCCJ is set to 1.2V, they must be connected to the same power supply as VCC. If VCCIO or VCCJ is set to 3.3V, they must be con-
nected to the same power supply as VCCAUX. VCC and VCCPLL must be connected to the same power supply.
2. See recommended voltages by I/O standard in subsequent table.
3. VCCAUX ramp rate must not exceed 30mV/µs during power-up when transitioning between 0V and 3.3V.
4. For proper power-up configuration, users must ensure that the configuration control signals such as the CFGx, INITN, PROGRAMN and
DONE pins are driven to the proper logic levels when the device powers up. The device power-up is triggered by the last of VCC, VCCAUX or
VCCIO8 supplies that reaches its minimum valid levels. Alternatively, if the configuration control signals are pulled up by VCCIO8, the VCCIO8
(configuration I/O bank) voltage must be powered up prior to or at the same time as the last of VCC or VCCAUX reaches its minimum levels.
5. For power-up, VCC must reach its valid minimum value before powering up VCCAUX (LatticeECP2/M “S” version devices only).
6. VCCRX,VCCTX and VCCP must be tied together in each quad and all quads need to be powered up.
LatticeECP2/M Family Data Sheet
DC and Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com