Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 65 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 65 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 61Page - Lattice Semiconductor ECP2 Datasheet HTML 62Page - Lattice Semiconductor ECP2 Datasheet HTML 63Page - Lattice Semiconductor ECP2 Datasheet HTML 64Page - Lattice Semiconductor ECP2 Datasheet HTML 65Page - Lattice Semiconductor ECP2 Datasheet HTML 66Page - Lattice Semiconductor ECP2 Datasheet HTML 67Page - Lattice Semiconductor ECP2 Datasheet HTML 68Page - Lattice Semiconductor ECP2 Datasheet HTML 69Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 386 page
background image
3-13
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
BLVDS
The LatticeECP2/M devices support the BLVDS standard. This standard is emulated using complementary LVC-
MOS outputs in conjunction with a parallel external resistor across the driver outputs. BLVDS is intended for use
when multi-drop and bi-directional multi-point differential signaling is required. The scheme shown in Figure 3-2 is
one possible solution for bi-directional multi-point differential signals.
Figure 3-2. BLVDS Multi-point Output Example
Table 3-3. BLVDS DC Conditions
1
Over Recommended Operating Conditions
Parameter
Description
Typical
Units
Zo = 45Ω
Zo = 90Ω
VCCIO
Output Driver Supply (+/- 5%)
2.50
2.50
V
ZOUT
Driver Impedance
10.00
10.00
Ω
RS
Driver Series Resistor (+/- 1%)
90.00
90.00
Ω
RTL
Driver Parallel Resistor (+/- 1%)
45.00
90.00
Ω
RTR
Receiver Termination (+/- 1%)
45.00
90.00
Ω
VOH
Output High Voltage
1.38
1.48
V
VOL
Output Low Voltage
1.12
1.02
V
VOD
Output Differential Voltage
0.25
0.46
V
VCM
Output Common Mode Voltage
1.25
1.25
V
IDC
DC Output Current
11.24
10.20
mA
1. For input buffer, see LVDS table.
Heavily loaded backplane, effective Zo ~ 45 to 90 ohms differential
2.5V
R
TL
R
TR
R
S = 90 ohms
R
S = 90 ohms
R
S =
90 ohms
R
S =
90 ohms
R
S =
90 ohms
R
S =
90 ohms
R
S =
90 ohms
R
S =
90 ohms
45-90
ohms
45-90
ohms
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
2.5V
+
-
. . .
-
. . .
+
-
-
16mA
16mA
16mA
16mA
16mA
16mA
16mA
16mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com