Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 56 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 56 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 52Page - Lattice Semiconductor ECP2 Datasheet HTML 53Page - Lattice Semiconductor ECP2 Datasheet HTML 54Page - Lattice Semiconductor ECP2 Datasheet HTML 55Page - Lattice Semiconductor ECP2 Datasheet HTML 56Page - Lattice Semiconductor ECP2 Datasheet HTML 57Page - Lattice Semiconductor ECP2 Datasheet HTML 58Page - Lattice Semiconductor ECP2 Datasheet HTML 59Page - Lattice Semiconductor ECP2 Datasheet HTML 60Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 386 page
background image
3-4
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2 Supply Current (Standby)
1, 2, 3, 4
Over Recommended Operating Conditions
Symbol
Parameter
Device
Typ.
5
Units
ICC
Core Power Supply Current
ECP2-6
10
mA
ECP2-12
20
mA
ECP2-20
30
mA
ECP2-35
50
mA
ECP2-50
70
mA
ECP2-70
100
mA
ICCAUX
Auxiliary Power Supply Current
ECP2-6
24
mA
ECP2-12
24
mA
ECP2-20
24
mA
ECP2-35
24
mA
ECP2-50
24
mA
ECP2-70
24
mA
ICCGPLL
GPLL Power Supply Current (per GPLL)
ECP2-35, -50, -70 Only
0.5
mA
ICCSPLL
GPLL Power Supply Current (per SPLL)
ECP2-35, -50, -70 Only
0.5
mA
ICCIO
Bank Power Supply Current (Per Bank)
ECP2-6
2
mA
ECP2-12
2
mA
ECP2-20
2
mA
ECP2-35
2
mA
ECP2-50
2
mA
ECP2-70
2
mA
ICCJ
VCCJ Power Supply Current
All Devices
3
mA
1. For further information about supply current, please see the list of additional technical documentation at the end of this data sheet.
2. Assumes all outputs are tristated, all inputs are configured as LVCMOS and held at the VCCIO or GND.
3. Frequency 0MHz.
4. Pattern represents a “blank” configuration data file.
5. TJ = 25°C, power supplies at normal voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com