Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 74 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 74 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 70Page - Lattice Semiconductor ECP2 Datasheet HTML 71Page - Lattice Semiconductor ECP2 Datasheet HTML 72Page - Lattice Semiconductor ECP2 Datasheet HTML 73Page - Lattice Semiconductor ECP2 Datasheet HTML 74Page - Lattice Semiconductor ECP2 Datasheet HTML 75Page - Lattice Semiconductor ECP2 Datasheet HTML 76Page - Lattice Semiconductor ECP2 Datasheet HTML 77Page - Lattice Semiconductor ECP2 Datasheet HTML 78Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 386 page
background image
3-22
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
tH_DELE
Clock to Data Hold - PIO Input
Register with Input Data Delay
LFE2-6
0.00
—
0.00
—
0.00
—
ns
LFE2-12
0.00
—
0.00
—
0.00
—
ns
LFE2-20
0.00
—
0.00
—
0.00
—
ns
LFE2-35
0.00
—
0.00
—
0.00
—
ns
LFE2-50
0.00
—
0.00
—
0.00
—
ns
LFE2-70
0.00
—
0.00
—
0.00
—
ns
LFE2M20
0.00
—
0.00
—
0.00
—
ns
LFE2M35
0.00
—
0.00
—
0.00
—
ns
LFE2M50
0.00
—
0.00
—
0.00
—
ns
LFE2M70
0.00
—
0.00
—
0.00
—
ns
LFE2M100
0.00
—
0.00
—
0.00
—
ns
fMAX_IOE
Clock Frequency of I/O and PFU
Register
ECP2/M
—
420
—
357
—
311
MHz
General I/O Pin Parameters (using Primary Clock with PLL)
1
tCOPLL
10
Clock to Output - PIO Output
Register
LFE2-6
—
2.30
—
2.60
—
2.80
ns
LFE2-12
—
2.30
—
2.60
—
2.80
ns
LFE2-20
—
2.30
—
2.60
—
2.80
ns
LFE2-35
—
2.30
—
2.60
—
2.80
ns
LFE2-50
—
2.30
—
2.60
—
2.80
ns
LFE2-70
—
2.30
—
2.60
—
2.80
ns
LFE2M20
—
2.30
—
2.60
—
2.80
ns
LFE2M35
—
2.30
—
2.60
—
2.80
ns
LFE2M50
—
2.60
—
2.90
—
3.10
ns
LFE2M70
—
2.60
—
2.90
—
3.10
ns
LFE2M100
—
2.70
—
3.00
—
3.20
ns
tSUPLL
Clock to Data Setup - PIO Input
Register
LFE2-6
0.70
—
0.80
—
0.90
—
ns
LFE2-12
0.70
—
0.80
—
0.90
—
ns
LFE2-20
0.70
—
0.80
—
0.90
—
ns
LFE2-35
0.70
—
0.80
—
0.90
—
ns
LFE2-50
0.70
—
0.80
—
0.90
—
ns
LFE2-70
0.70
—
0.80
—
0.90
—
ns
LFE2M20
0.70
—
0.80
—
0.90
—
ns
LFE2M35
0.70
—
0.80
—
0.90
—
ns
LFE2M50
0.70
—
0.80
—
0.90
—
ns
LFE2M70
0.70
—
0.80
—
0.90
—
ns
LFE2M100
0.80
—
0.90
—
1.00
—
ns
LatticeECP2/M External Switching Characteristics
9 (Continued)
Over Recommended Operating Conditions
Parameter
Description
Device
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com