Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 64 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 64 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 60Page - Lattice Semiconductor ECP2 Datasheet HTML 61Page - Lattice Semiconductor ECP2 Datasheet HTML 62Page - Lattice Semiconductor ECP2 Datasheet HTML 63Page - Lattice Semiconductor ECP2 Datasheet HTML 64Page - Lattice Semiconductor ECP2 Datasheet HTML 65Page - Lattice Semiconductor ECP2 Datasheet HTML 66Page - Lattice Semiconductor ECP2 Datasheet HTML 67Page - Lattice Semiconductor ECP2 Datasheet HTML 68Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 386 page
background image
3-12
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LVDS25E
The top and bottom sides of LatticeECP2/M devices support LVDS outputs via emulated complementary LVCMOS
outputs in conjunction with a parallel resistor across the driver outputs. The scheme shown in Figure 3-1 is one
possible solution for point-to-point signals.
Figure 3-1. LVDS25E Output Termination Example
Table 3-2. LVDS25E DC Conditions
LVCMOS33D
All I/O banks support emulated differential I/O using the LVCMOS33D I/O type. This option, along with the external
resistor network, provides the system designer the flexibility to place differential outputs on an I/O bank with 3.3V
VCCIO. The default drive current for LVCMOS33D output is 12mA with the option to change the device strength to
4mA, 8mA, 16mA or 20mA. Follow the LVCMOS33 specifications for the DC characteristics of the LVCMOS33D.
Parameter
Description
Typical
Units
VCCIO
Output Driver Supply (+/-5%)
2.50
V
ZOUT
Driver Impedance
20
Ω
RS
Driver Series Resistor (+/-1%)
158
Ω
RP
Driver Parallel Resistor (+/-1%)
140
Ω
RT
Receiver Termination (+/-1%)
100
Ω
VOH
Output High Voltage
1.43
V
VOL
Output Low Voltage
1.07
V
VOD
Output Differential Voltage
0.35
V
VCM
Output Common Mode Voltage
1.25
V
ZBACK
Back Impedance
100.5
Ω
IDC
DC Output Current
6.03
mA
+
-
RS=158 ohms
(±1%)
RS=158 ohms
(±1%)
RP = 140 ohms
(±1%)
RT = 100 ohms
(±1%)
OFF-chip
Transmission line, Zo = 100 ohm differential
VCCIO = 2.5V (±5%)
8 mA
VCCIO = 2.5V (±5%)
ON-chip
OFF-chip ON-chip
8 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com