Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 70 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 70 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 66Page - Lattice Semiconductor ECP2 Datasheet HTML 67Page - Lattice Semiconductor ECP2 Datasheet HTML 68Page - Lattice Semiconductor ECP2 Datasheet HTML 69Page - Lattice Semiconductor ECP2 Datasheet HTML 70Page - Lattice Semiconductor ECP2 Datasheet HTML 71Page - Lattice Semiconductor ECP2 Datasheet HTML 72Page - Lattice Semiconductor ECP2 Datasheet HTML 73Page - Lattice Semiconductor ECP2 Datasheet HTML 74Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 386 page
background image
3-18
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Derating Timing Tables
Logic timing provided in the following sections of this data sheet and the ispLEVER design tools are worst case
numbers in the operating range. Actual delays at nominal temperature and voltage for best case process, can be
much better than the values given in the tables. The ispLEVER design tool can provide logic timing numbers at a
particular temperature and voltage.
9x9 Multiplier (All Registers)
420
MHz
36x36 Multiplier
(All Registers)
372
MHz
18x18 Multiplier/Accumulate (Input and
Output Registers)
295
MHz
18x18 Multiplier-Add/Sub-Sum (All Reg-
isters)
420
MHz
DSP IP Functions
16-Tap Fully-Parallel FIR Filter
304
MHz
1024-pt, Radix 4, Decimation in
Frequency FFT
227
MHz
8x8 Matrix Multiplier
223
MHz
Timing v.A 0.11
Register-to-Register Performance (Continued)
Function
-7 Timing
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com