Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 85 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 85 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 81Page - Lattice Semiconductor ECP2 Datasheet HTML 82Page - Lattice Semiconductor ECP2 Datasheet HTML 83Page - Lattice Semiconductor ECP2 Datasheet HTML 84Page - Lattice Semiconductor ECP2 Datasheet HTML 85Page - Lattice Semiconductor ECP2 Datasheet HTML 86Page - Lattice Semiconductor ECP2 Datasheet HTML 87Page - Lattice Semiconductor ECP2 Datasheet HTML 88Page - Lattice Semiconductor ECP2 Datasheet HTML 89Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 386 page
background image
3-33
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
HSTL15_I
HSTL_15 class I 4mA drive
-0.22
-0.25
-0.27
ns
HSTL15D_I
Differential HSTL 15 class I 4mA drive
-0.22
-0.25
-0.27
ns
SSTL33_I
SSTL_3 class I
-0.12
-0.15
-0.18
ns
SSTL33_II
SSTL_3 class II
-0.20
-0.23
-0.27
ns
SSTL33D_I
Differential SSTL_3 class I
-0.12
-0.15
-0.18
ns
SSTL33D_II
Differential SSTL_3 class II
-0.20
-0.23
-0.27
ns
SSTL25_I
SSTL_2 class I 8mA drive
-0.16
-0.19
-0.22
ns
SSTL25_II
SSTL_2 class II 16mA drive
-0.19
-0.22
-0.25
ns
SSTL25D_I
Differential SSTL_2 class I 8mA drive
-0.16
-0.19
-0.22
ns
SSTL25D_II
Differential SSTL_2 class II 16mA drive
-0.19
-0.22
-0.25
ns
SSTL18_I
SSTL_1.8 class I
-0.14
-0.17
-0.20
ns
SSTL18_II
SSTL_1.8 class II 8mA drive
-0.20
-0.23
-0.25
ns
SSTL18D_I
Differential SSTL_1.8 class I
-0.14
-0.17
-0.20
ns
SSTL18D_II
Differential SSTL_1.8 class II 8mA drive
-0.20
-0.23
-0.25
ns
LVTTL33_4mA
LVTTL 4mA drive
0.52
0.60
0.68
ns
LVTTL33_8mA
LVTTL 8mA drive
0.06
0.08
0.09
ns
LVTTL33_12mA
LVTTL 12mA drive
0.04
0.04
0.05
ns
LVTTL33_16mA
LVTTL 16mA drive
0.03
0.02
0.02
ns
LVTTL33_20mA
LVTTL 20mA drive
-0.09
-0.09
-0.10
ns
LVCMOS33_4mA
LVCMOS 3.3 4mA drive, fast slew rate
0.52
0.60
0.68
ns
LVCMOS33_8mA
LVCMOS 3.3 8mA drive, fast slew rate
0.06
0.08
0.09
ns
LVCMOS33_12mA
LVCMOS 3.3 12mA drive, fast slew rate
0.04
0.04
0.05
ns
LVCMOS33_16mA
LVCMOS 3.3 16mA drive, fast slew rate
0.03
0.02
0.02
ns
LVCMOS33_20mA
LVCMOS 3.3 20mA drive, fast slew rate
-0.09
-0.09
-0.10
ns
LVCMOS25_4mA
LVCMOS 2.5 4mA drive, fast slew rate
0.41
0.47
0.53
ns
LVCMOS25_8mA
LVCMOS 2.5 8mA drive, fast slew rate
0.01
0.01
0.00
ns
LVCMOS25_12mA
LVCMOS 2.5 12mA drive, fast slew rate
0.00
0.00
0.00
ns
LVCMOS25_16mA
LVCMOS 2.5 16mA drive, fast slew rate
0.04
0.04
0.04
ns
LVCMOS25_20mA
LVCMOS 2.5 20mA drive, fast slew rate
-0.09
-0.10
-0.11
ns
LVCMOS18_4mA
LVCMOS 1.8 4mA drive, fast slew rate
0.37
0.40
0.43
ns
LVCMOS18_8mA
LVCMOS 1.8 8mA drive, fast slew rate
0.10
0.12
0.13
ns
LVCMOS18_12mA
LVCMOS 1.8 12mA drive, fast slew rate
-0.02
-0.02
-0.02
ns
LVCMOS18_16mA
LVCMOS 1.8 16mA drive, fast slew rate
-0.02
-0.03
-0.03
ns
LVCMOS15_4mA
LVCMOS 1.5 4mA drive, fast slew rate
0.29
0.31
0.32
ns
LVCMOS15_8mA
LVCMOS 1.5 8mA drive, fast slew rate
0.05
0.05
0.06
ns
LVCMOS12_2mA
LVCMOS 1.2 2mA drive, fast slew rate
0.58
0.69
0.79
ns
LVCMOS12_6mA
LVCMOS 1.2 6mA drive, fast slew rate
0.13
0.19
0.26
ns
LVCMOS33_4mA
LVCMOS 3.3 4mA drive, slow slew rate
2.17
2.44
2.71
ns
LVCMOS33_8mA
LVCMOS 3.3 8mA drive, slow slew rate
2.50
2.67
2.83
ns
LVCMOS33_12mA
LVCMOS 3.3 12mA drive, slow slew rate
1.72
1.88
2.05
ns
LVCMOS33_16mA
LVCMOS 3.3 16mA drive, slow slew rate
1.64
1.63
1.62
ns
LVCMOS33_20mA
LVCMOS 3.3 20mA drive, slow slew rate
1.33
1.36
1.39
ns
LatticeECP2/M Family Timing Adders
1, 2, 3 (Continued)
Over Recommended Operating Conditions
Buffer Type
Description
-7
-6
-5
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com