Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 42 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 42 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 38Page - Lattice Semiconductor ECP2 Datasheet HTML 39Page - Lattice Semiconductor ECP2 Datasheet HTML 40Page - Lattice Semiconductor ECP2 Datasheet HTML 41Page - Lattice Semiconductor ECP2 Datasheet HTML 42Page - Lattice Semiconductor ECP2 Datasheet HTML 43Page - Lattice Semiconductor ECP2 Datasheet HTML 44Page - Lattice Semiconductor ECP2 Datasheet HTML 45Page - Lattice Semiconductor ECP2 Datasheet HTML 46Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 386 page
background image
2-39
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-36. DQS Local Bus
Polarity Control Logic
In a typical DDR Memory interface design, the phase relationship between the incoming delayed DQS strobe and
the internal system clock (during the READ cycle) is unknown.
The LatticeECP2/M family contains dedicated circuits to transfer data between these domains. To prevent set-up
and hold violations, at the domain transfer between DQS (delayed) and the system clock, a clock polarity selector
is used. This changes the edge on which the data is registered in the synchronizing registers in the input register
block. This requires evaluation at the start of each READ cycle for the correct clock polarity.
Prior to the READ operation in DDR memories, DQS is in tristate (pulled by termination). The DDR memory device
drives DQS low at the start of the preamble state. A dedicated circuit detects the first DQS rising edge after the pre-
amble state. This signal is used to control the polarity of the clock to the synchronizing registers.
sysIO
Buffer
DDR
Datain
PAD
DI
CLK1
CEI
PIO
sysIO
Buffer
GSR
DQS
To Sync
Reg.
DQS
To DDR
Reg.
DQS
Strobe
PAD
PIO
DQSDEL
Polarity Control
Logic
DQS
Calibration bus
from DLL
DQSXFER
Output
Register Block
Input
Register Block
DI
DQSXFERDEL*
DQSXFER
DCNTL[6:0]
*DQSXFERDEL shifts ECLK1 by 90% and is not associated with a particular PIO.
DCNTL[6:0]
ECLK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com