Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 20 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 20 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 16Page - Lattice Semiconductor ECP2 Datasheet HTML 17Page - Lattice Semiconductor ECP2 Datasheet HTML 18Page - Lattice Semiconductor ECP2 Datasheet HTML 19Page - Lattice Semiconductor ECP2 Datasheet HTML 20Page - Lattice Semiconductor ECP2 Datasheet HTML 21Page - Lattice Semiconductor ECP2 Datasheet HTML 22Page - Lattice Semiconductor ECP2 Datasheet HTML 23Page - Lattice Semiconductor ECP2 Datasheet HTML 24Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 386 page
background image
2-17
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Figure 2-16. Secondary Clock Selection
Slice Clock Selection
Figure 2-17 shows the clock selections and Figure 2-18 shows the control selections for Slice0 through Slice2. All
the primary clocks and the four secondary clocks are routed to this clock selection mux. Other signals can be used
as a clock input to the slices via routing. Slice controls are generated from the secondary clocks or other signals
connected via routing.
If none of the signals are selected for both clock and control then the default value of the mux output is 1. Slice 3
does not have any registers; therefore it does not have the clock or control muxes.
Figure 2-17. Slice0 through Slice2 Clock Selection
SC0
SC1
SC2
SC3
SC4
SC5
24:1
24:1
24:1
SC6
SC7
24:1
24:1
24:1
24:1
24:1
4 Secondary Clocks/CE/LSR (SC0 to SC3) per Region
Clock/Control
Secondary Clock Feedlines: 8 PIOs + 16 Routing
High Fan-out Data
4 High Fan-out Data Signals (SC4 to SC7) per Region
Clock to Slice
Primary Clock
Secondary Clock
Routing
Vcc
8
4
12
1
25:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com