Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 49 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 49 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 45Page - Lattice Semiconductor ECP2 Datasheet HTML 46Page - Lattice Semiconductor ECP2 Datasheet HTML 47Page - Lattice Semiconductor ECP2 Datasheet HTML 48Page - Lattice Semiconductor ECP2 Datasheet HTML 49Page - Lattice Semiconductor ECP2 Datasheet HTML 50Page - Lattice Semiconductor ECP2 Datasheet HTML 51Page - Lattice Semiconductor ECP2 Datasheet HTML 52Page - Lattice Semiconductor ECP2 Datasheet HTML 53Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 386 page
background image
2-46
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
SERDES and PCS (Physical Coding Sublayer)
LatticeECP2M devices feature up to 16 channels of embedded SERDES arranged in quads at the corners of the
devices. Figure 2-39 shows the position of the quad blocks in relation to the PFU array for LatticeECP2M70 and
LatticeECP2M100 devices. Table 2-15 shows the location of Quads for all the devices.
Each quad contains four dedicated SERDES (Ch0 to Ch3) for high-speed, full-duplex serial data transfer. Each
quad also has a PCS block that interfaces to the SERDES channels and contains digital logic to support an array of
popular data protocols. PCS also contains logic to the interface to FPGA core.
Figure 2-39. SERDES Quads (LatticeECP2M70/LatticeECP2M100)
Table 2-15. Available SERDES Quads per LatticeECP2M Devices
SERDES Block
A differential receiver receives the serial encoded data stream, equalizes the signal, extracts the buried clock and
de-serializes the data-stream before passing the 8- or 10-bit data to the PCS logic. The transmit channel receives
the parallel (8- or 10-bit) encoded data, serializes the data and transmits the serial bit stream through the differen-
tial buffers. There is a single transmit clock per quad. Figure 2-40 shows a single channel SERDES and its inter-
face to the PCS logic. Each SERDES receiver channel provides a recovered clock to the PCS block and to the
FPGA core logic.
Device
URC Quad
ULC Quad
LRC Quad
LLC Quad
ECP2M20
Available
—
—
—
ECP2M35
Available
—
—
—
ECP2M50
Available
—
Available
—
ECP2M70
Available
Available
Available
Available
ECP2M100
Available
Available
Available
Available
ULC SERDES Quad
URC SERDES Quad
LRC SERDES Quad
LLC SERDES Quad
Ch 3
PCS Digital Logic
Ch 2
Ch 1
Ch 0
Ch 3
PCS Digital Logic
Ch 2
Ch 1
Ch 0
Ch 3
PCS Digital Logic
Ch 2
Ch 1
Ch 0
Ch 3
PCS Digital Logic
Ch 2
Ch 1
Ch 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com