Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 86 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 86 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 82Page - Lattice Semiconductor ECP2 Datasheet HTML 83Page - Lattice Semiconductor ECP2 Datasheet HTML 84Page - Lattice Semiconductor ECP2 Datasheet HTML 85Page - Lattice Semiconductor ECP2 Datasheet HTML 86Page - Lattice Semiconductor ECP2 Datasheet HTML 87Page - Lattice Semiconductor ECP2 Datasheet HTML 88Page - Lattice Semiconductor ECP2 Datasheet HTML 89Page - Lattice Semiconductor ECP2 Datasheet HTML 90Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 386 page
background image
3-34
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LVCMOS25_4mA
LVCMOS 2.5 4mA drive, slow slew rate
2.18
2.26
2.33
ns
LVCMOS25_8mA
LVCMOS 2.5 8mA drive, slow slew rate
2.19
2.35
2.51
ns
LVCMOS25_12mA
LVCMOS 2.5 12mA drive, slow slew rate
1.50
1.66
1.82
ns
LVCMOS25_16mA
LVCMOS 2.5 16mA drive, slow slew rate
1.60
1.59
1.58
ns
LVCMOS25_20mA
LVCMOS 2.5 20mA drive, slow slew rate
1.43
1.39
1.34
ns
LVCMOS18_4mA
LVCMOS 1.8 4mA drive, slow slew rate
2.22
2.27
2.32
ns
LVCMOS18_8mA
LVCMOS 1.8 8mA drive, slow slew rate
1.93
2.08
2.23
ns
LVCMOS18_12mA
LVCMOS 1.8 12mA drive, slow slew rate
1.43
1.51
1.58
ns
LVCMOS18_16mA
LVCMOS 1.8 16mA drive, slow slew rate
1.47
1.46
1.45
ns
LVCMOS15_4mA
LVCMOS 1.5 4mA drive, slow slew rate
2.32
2.38
2.43
ns
LVCMOS15_8mA
LVCMOS 1.5 8mA drive, slow slew rate
1.84
1.98
2.12
ns
LVCMOS12_2mA
LVCMOS 1.2 2mA drive, slow slew rate
2.52
2.63
2.74
ns
LVCMOS12_6mA
LVCMOS 1.2 6mA drive, slow slew rate
1.69
1.83
1.96
ns
PCI33
PCI33
0.04
0.04
0.04
ns
1. Timing Adders are characterized but not tested on every device.
2. LVCMOS timing measured with the load specified in Switching Test Condition table.
3. All other standards tested according to the appropriate specifications.
4. These timing adders are measured with the recommended resistor values.
Timing v.A 0.11
LatticeECP2/M Family Timing Adders
1, 2, 3 (Continued)
Over Recommended Operating Conditions
Buffer Type
Description
-7
-6
-5
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com