Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 87 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 87 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 83Page - Lattice Semiconductor ECP2 Datasheet HTML 84Page - Lattice Semiconductor ECP2 Datasheet HTML 85Page - Lattice Semiconductor ECP2 Datasheet HTML 86Page - Lattice Semiconductor ECP2 Datasheet HTML 87Page - Lattice Semiconductor ECP2 Datasheet HTML 88Page - Lattice Semiconductor ECP2 Datasheet HTML 89Page - Lattice Semiconductor ECP2 Datasheet HTML 90Page - Lattice Semiconductor ECP2 Datasheet HTML 91Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 386 page
background image
3-35
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
sysCLOCK GPLL Timing
Over Recommended Operating Conditions
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
fIN
Input Clock Frequency (CLKI, CLKFB)
Without external capacitor
20
—
420
MHz
With external capacitor
5, 6
2
—
420
MHz
fOUT
Output Clock Frequency (CLKOP,
CLKOS)
Without external capacitor
20
—
420
MHz
With external capacitor
5
5
—
50
MHz
fOUT2
K-Divider Output Frequency (CLKOK)
Without external capacitor
0.156
—
210
MHz
With external capacitor
5
0.039
—
25
MHz
fVCO
PLL VCO Frequency
640
—
1280
MHz
fPFD
Phase Detector Input Frequency
Without external capacitor
20
—
420
MHz
With external capacitor
5, 6
2
—
50
MHz
AC Characteristics
tDT
Output Clock Duty Cycle
Default duty cycle selected
3
45
50
55
%
tPH
4
Output Phase Accuracy
—
—
±0.05
UI
tOPJIT
1
Output Clock Period Jitter
fOUT ≥ 100 MHz
—
—
±125
ps
50 ≤ fOUT < 100 MHz
—
0.025
UIPP
fOUT < 50 MHz
—
—
0.04
UIPP
tSK
Input Clock to Output Clock Skew
N/M = integer
—
—
±250
ps
tW
Output Clock Pulse Width
At 90% or 10%
1
—
—
ns
tLOCK
2
PLL Lock-in Time
Without external capacitor
—
—
150
µs
With external capacitor
5
—
—
500
µs
tPA
Programmable Delay Unit
85
130
360
ps
tIPJIT
Input Clock Period Jitter
—
—
±200
ps
tFBKDLY
External Feedback Delay
—
—
10
ns
tHI
Input Clock High Time
90% to 90%
0.5
—
—
ns
tLO
Input Clock Low Time
10% to 10%
0.5
—
—
ns
tRST
RST Pulse Width (RESETM/RESETK)
15
—
—
ns
Reset Signal Pulse Width (CNTRST)
Without external capacitor
500
—
—
ns
With external capacitor
5
20
—
—
µs
1. Jitter sample is taken over 10,000 samples of the primary PLL output with clean reference clock and no additional I/O pins toggling.
2. Output clock is valid after tLOCK for PLL reset and dynamic delay adjustment.
3. Using LVDS output buffers.
4. Relative to CLKOP.
5. Value of external capacitor: 5.6 nF ±20%, NPO dielectric, ceramic chip capacitor, 1206 or smaller package, connected to PLLCAP pin.
6. fOUT (max) = fIN * 10 for fIN < 5MHz.
Timing v.A 0.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com