Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 77 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 77 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 73Page - Lattice Semiconductor ECP2 Datasheet HTML 74Page - Lattice Semiconductor ECP2 Datasheet HTML 75Page - Lattice Semiconductor ECP2 Datasheet HTML 76Page - Lattice Semiconductor ECP2 Datasheet HTML 77Page - Lattice Semiconductor ECP2 Datasheet HTML 78Page - Lattice Semiconductor ECP2 Datasheet HTML 79Page - Lattice Semiconductor ECP2 Datasheet HTML 80Page - Lattice Semiconductor ECP2 Datasheet HTML 81Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 386 page
background image
3-25
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
tDIBSPI
Data Invalid Before Clock (Transmit)
ECP2-20
—
280
—
280
—
280
ps
ECP2-35
—
280
—
280
—
280
ps
ECP2-50
—
280
—
280
—
280
ps
ECP2-70
—
280
—
280
—
280
ps
ECP2M20
—
230
—
230
—
230
ps
ECP2M35
—
230
—
230
—
230
ps
ECP2M50
—
230
—
230
—
230
ps
ECP2M70
—
230
—
230
—
230
ps
ECP2M100
—
230
—
230
—
230
ps
XGMII I/O Pin Parameters (312 Mbps)
5
tSUXGMII
Data Setup Before Read Clock
ECP2/M
480
—
480
—
480
—
ps
tHXGMII
Data Hold After Read Clock
ECP2/M
480
—
480
—
480
—
ps
tDVBCKXGMII Data Valid Before Clock
ECP2/M
960
—
960
—
960
—
ps
tDVACKXGMII Data Valid After Clock
ECP2/M
960
—
960
—
960
—
ps
Primary
fMAX_PRI
7
Frequency for Primary Clock Tree
ECP2/M
—
420
—
357
—
311
MHz
tW_PRI
Clock Pulse Width for Primary Clock ECP2/M
0.95
—
1.19
—
2.00
—
ns
tSKEW_PRI
Primary Clock Skew Within a Bank
ECP2/M
—
300
—
360
—
420
ps
Edge Clock
fMAX_EDGE
7
Frequency for Edge Clock
ECP2/M
—
420
—
357
—
311
MHz
tW_EDGE
Clock Pulse Width for Edge Clock
ECP2/M
0.95
—
1.19
—
2.00
—
ns
tSKEW_EDGE
Edge Clock Skew Within an Edge of
the Device
ECP2/M
—
300
—
360
—
420
ps
1. General timing numbers based on LVCMOS 2.5, 12mA, 0pf load.
2. DDR timing numbers based on SSTL25 for BGA packages only.
3. DDR2 timing numbers based on SSTL18 for BGA packages only.
4. SPI4.2 and SFI4 timing numbers based on LVDS25 for BGA packages only.
5. XGMII timing numbers based on HSTL class I. A corresponding left/right dedicated clock buffer is used when using the SPI4.2 interface to
the left or right edge of the device. For SPI4.2 mode, the software tool will help in selecting the appropriate clock buffer.
6. IP will be used to support DDR and DDR2 memory data rates down to 95MHz. This approach uses a free-running clock and PFU register to
sample the data instead of the hardwired DDR memory interface.
7. Using the LVDS I/O standard.
8. ECP2-6 and ECP2-12 do not support SPI4.2
9. The AC numbers do not apply to PCLK6 and PCLK7.
10. Applies to CLKOP only.
11. Please refer to technical note TN1159, LatticeECP2M Pin Assignment Recommendations for best performance.
Timing v.A 0.11
LatticeECP2/M External Switching Characteristics
9 (Continued)
Over Recommended Operating Conditions
Parameter
Description
Device
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com