Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 80 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 80 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 76Page - Lattice Semiconductor ECP2 Datasheet HTML 77Page - Lattice Semiconductor ECP2 Datasheet HTML 78Page - Lattice Semiconductor ECP2 Datasheet HTML 79Page - Lattice Semiconductor ECP2 Datasheet HTML 80Page - Lattice Semiconductor ECP2 Datasheet HTML 81Page - Lattice Semiconductor ECP2 Datasheet HTML 82Page - Lattice Semiconductor ECP2 Datasheet HTML 83Page - Lattice Semiconductor ECP2 Datasheet HTML 84Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 386 page
background image
3-28
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2/M Internal Switching Characteristics
1
Over Recommended Operating Conditions
Parameter
Description
-7
-6
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
PFU/PFF Logic Mode Timing
tLUT4_PFU
LUT4 delay (A to D inputs to F output)
—
0.180
—
0.198
—
0.216
ns
tLUT6_PFU
LUT6 delay (A to D inputs to OFX output)
—
0.304
—
0.331
—
0.358
ns
tLSR_PFU
Set/Reset to output of PFU (Asynchro-
nous)
—
0.600
—
0.655
—
0.711
ns
tSUM_PFU
Clock to Mux (M0,M1) Input Setup Time
0.128
—
0.129
—
0.129
—
ns
tHM_PFU
Clock to Mux (M0,M1) Input Hold Time
-0.051
—
-0.049
—
-0.046
—
ns
tSUD_PFU
Clock to D input setup time
0.061
—
0.071
—
0.081
—
ns
tHD_PFU
Clock to D input hold time
0.002
—
0.003
—
0.003
—
ns
tCK2Q_PFU
Clock to Q delay, (D-type Register Configu-
ration)
—
0.285
—
0.309
—
0.333
ns
PFU Dual Port Memory Mode Timing
tCORAM_PFU
Clock to Output (F Port)
—
0.902
—
1.083
—
1.263
ns
tSUDATA_PFU
Data Setup Time
-0.172
—
-0.205
—
-0.238
—
ns
tHDATA_PFU
Data Hold Time
0.199
—
0.235
—
0.271
—
ns
tSUADDR_PFU
Address Setup Time
-0.245
—
-0.284
—
-0.323
—
ns
tHADDR_PFU
Address Hold Time
0.246
—
0.285
—
0.324
—
ns
tSUWREN_PFU
Write/Read Enable Setup Time
-0.122
—
-0.145
—
-0.168
—
ns
tHWREN_PFU
Write/Read Enable Hold Time
0.132
—
0.156
—
0.180
—
ns
PIC Timing
PIO Input/Output Buffer Timing
tIN_PIO
Input Buffer Delay (LVCMOS25)
—
0.613
—
0.681
—
0.749
ns
tOUT_PIO
Output Buffer Delay (LVCMOS25)
—
1.115
—
1.115
—
1.343
ns
IOLOGIC Input/Output Timing
tSUI_PIO
Input Register Setup Time (Data Before
Clock)
0.596
—
0.645
—
0.694
—
ns
tHI_PIO
Input Register Hold Time (Data after
Clock)
-0.570
—
-0.614
—
-0.658
—
ns
tCOO_PIO
Output Register Clock to Output Delay
—
0.61
—
0.66
—
0.72
ns
tSUCE_PIO
Input Register Clock Enable Setup Time
0.032
—
0.037
—
0.041
—
ns
tHCE_PIO
Input Register Clock Enable Hold Time
-0.022
—
-0.025
—
-0.028
—
ns
tSULSR_PIO
Set/Reset Setup Time
0.184
—
0.201
—
0.217
—
ns
tHLSR_PIO
Set/Reset Hold Time
-0.080
—
-0.086
—
-0.093
—
ns
EBR Timing
tCO_EBR
Clock (Read) to output from Address or
Data
—
2.51
—
2.75
—
2.99
ns
tCOO_EBR
Clock (Write) to output from EBR output
Register
—
0.33
—
0.36
—
0.39
ns
tSUDATA_EBR
Setup Data to EBR Memory
-0.157
—
-0.181
—
-0.205
—
ns
tHDATA_EBR
Hold Data to EBR Memory
0.173
—
0.195
—
0.217
—
ns
tSUADDR_EBR
Setup Address to EBR Memory
-0.115
—
-0.130
—
-0.145
—
ns
tHADDR_EBR
Hold Address to EBR Memory
0.138
—
0.155
—
0.172
—
ns
tSUWREN_EBR
Setup Write/Read Enable to PFU Memory
-0.128
—
-0.149
—
-0.170
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com