Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 46 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 46 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 42Page - Lattice Semiconductor ECP2 Datasheet HTML 43Page - Lattice Semiconductor ECP2 Datasheet HTML 44Page - Lattice Semiconductor ECP2 Datasheet HTML 45Page - Lattice Semiconductor ECP2 Datasheet HTML 46Page - Lattice Semiconductor ECP2 Datasheet HTML 47Page - Lattice Semiconductor ECP2 Datasheet HTML 48Page - Lattice Semiconductor ECP2 Datasheet HTML 49Page - Lattice Semiconductor ECP2 Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 386 page
background image
2-43
Architecture
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
sets of single-ended input buffers (both ratioed and referenced). One of the referenced input buffers can also
be configured as a differential input.
The two pads in the pair are described as “true” and “comp”, where the true pad is associated with the positive
side of the differential input buffer and the comp (complementary) pad is associated with the negative side of
the differential input buffer.
3.
Left and Right (Banks 2, 3, 6 and 7) sysI/O Buffer Pairs (50% Differential and 100% Single-Ended Out-
puts)
The sysI/O buffer pairs in the left and right banks of the device consist of two single-ended output drivers, two
sets of single-ended input buffers (both ratioed and referenced) and one differential output driver. One of the ref-
erenced input buffers can also be configured as a differential input. In these banks the two pads in the pair are
described as “true” and “comp”, where the true pad is associated with the positive side of the differential I/O, and
the comp (complementary) pad is associated with the negative side of the differential I/O.
LVDS differential output drivers are available on 50% of the buffer pairs on the left and right banks.
4.
Bank 8 sysI/O Buffer Pairs (Single-Ended Outputs, Only on Shared Pins When Not Used by Configura-
tion)
The sysI/O buffers in Bank 8 consist of single-ended output drivers and single-ended input buffers (both ratioed
and referenced). The referenced input buffer can also be configured as a differential input.
The two pads in the pair are described as “true” and “comp”, where the true pad is associated with the positive
side of the differential input buffer and the comp (complementary) pad is associated with the negative side of the
differential input buffer.
In LatticeECP2 devices, only the I/Os on the bottom banks have programmable PCI clamps. In LatticeECP2M
devices, the I/Os on the left and bottom banks have programmable PCI clamps.
Typical sysI/O I/O Behavior During Power-up
The internal power-on-reset (POR) signal is deactivated when VCC, VCCIO8 and VCCAUX have reached satisfactory
levels. After the POR signal is deactivated, the FPGA core logic becomes active. It is the user’s responsibility to
ensure that all other VCCIO banks are active with valid input logic levels to properly control the output logic states of
all the I/O banks that are critical to the application. For more information about controlling the output logic state with
valid input logic levels during power-up in LatticeECP2/M devices, see the list of additional technical documentation
at the end of this data sheet.
The VCC and VCCAUX supply the power to the FPGA core fabric, whereas the VCCIO supplies power to the I/O buff-
ers. In order to simplify system design while providing consistent and predictable I/O behavior, it is recommended
that the I/O buffers be powered-up prior to the FPGA core fabric. VCCIO supplies should be powered-up before or
together with the VCC and VCCAUX supplies.
Supported sysI/O Standards
The LatticeECP2/M sysI/O buffer supports both single-ended and differential standards. Single-ended standards
can be further subdivided into LVCMOS, LVTTL and other standards. The buffers support the LVTTL, LVCMOS
1.2V, 1.5V, 1.8V, 2.5V and 3.3V standards. In the LVCMOS and LVTTL modes, the buffer has individual configura-
tion options for drive strength, bus maintenance (weak pull-up, weak pull-down, or a bus-keeper latch) and open
drain. Other single-ended standards supported include SSTL and HSTL. Differential standards supported include
LVDS, MLVDS, BLVDS, LVPECL, RSDS, differential SSTL and differential HSTL. Tables 2-13 and 2-14 show the I/
O standards (together with their supply and reference voltages) supported by LatticeECP2/M devices. For further
information about utilizing the sysI/O buffer to support a variety of standards please see the the list of additional
technical information at the end of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com