Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP2 Datasheet(PDF) 119 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 119 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 115Page - Lattice Semiconductor ECP2 Datasheet HTML 116Page - Lattice Semiconductor ECP2 Datasheet HTML 117Page - Lattice Semiconductor ECP2 Datasheet HTML 118Page - Lattice Semiconductor ECP2 Datasheet HTML 119Page - Lattice Semiconductor ECP2 Datasheet HTML 120Page - Lattice Semiconductor ECP2 Datasheet HTML 121Page - Lattice Semiconductor ECP2 Datasheet HTML 122Page - Lattice Semiconductor ECP2 Datasheet HTML 123Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 386 page
background image
4-18
Pinout Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2M Power Supply and NC
Signal
256 fpBGA
484 fpBGA
VCC
G7, G9, H7, J10, K10, K8
J10, J11, J12, J13, K14, K9, L14, L9, M14, M9, N14,
N9, P10, P11, P12, P13
VCCIO0
E7
B5, B9, E7, H9
VCCIO1
E10
D13, E16, H14
VCCIO2
E14, G12
E21, G18, J15, K19
VCCIO3
K12, M14
N19, P15, T18, V21
VCCIO4
M10, P12
AA18, R14, V16, W13
VCCIO5
M7, P5
AA5, R9, V7, W10
VCCIO6
K5, M3
N4, P8, T5, V2
VCCIO7
E3, G5
E2, G5, J8, K4
VCCIO8
T15
AA22, U19
VCCJ
K7
W4
VCCAUX
G8, H10, J7, K9
H11, H12, L15, L8, M15, M8, R11, R12
VCCPLL
G10
R8, H15, H8, R15
SERDES Power
3
C15, B15, C12, A12, C11, C10, C14, C13, B9,
C9, C5, C4, C8, C7, A6, C6, B3, C3
C22, B22, C19, A19, C18, C17, C21, C20, B16, C16,
C12, C11, C15, C14, A13, C13, B10, C10
GND
1
A1, A15, A16, A3, A9, B12, B6, E15, E2, H14,
H8, H9, J3, J8, J9, M15, M2, P9, R12, R5, T1,
T16
A1, A10, A16, A22, AA19, AA4, AB1, AB22, B13,
B19, B4, D16, D2, D21, D7, G19, G4, H10, H13, J14,
J9, K10, K11, K12, K13, K15, K20, K3, K8, L10, L11,
L12, L13, M10, M11, M12, M13, N10, N11, N12, N13,
N15, N20, N3, N8, P14, P9, R10, R13, T19, T4, W16,
W2, W21, W7, Y10, Y13
NC
2
D10, D11, D12, D13, D14, D4, D5, D6, D7, E11,
E6, E8, E9, F10, F7, F8, F9
LFE2M20: D14, D15, E14, E15, F13, F14, F15, G12,
G13, G14, G15
LFE2M35: D14, D15, E14, E15, F13, F14, F15, G12,
G13, G14, G15, U6
LFE2M50: Y15, W15, AB20, AB21, AA20, AB19,
AB18, Y22, Y21, Y17, Y18, Y16, W17, Y19, Y20, W19,
W18, V17, V18, D15, G14, G15, D14, E15, E14, F15,
F14, F13, G12, G13
1. All grounds must be electrically connected at the board level. For fpBGA packages, the total number of GND balls is less than the actual
number of GND logic connections from the die to the common package GND plane.
2. NC pins should not be connected to any active signals, VCC or GND.
3. For package migration across device densities, the designer must comprehend the package pin requirements for the SERDES blocks. Spe-
cifically, the SERDES power pins of the largest density device must be accounted to accommodate migration to other smaller devices using
the same package. Please refer to technical note TN1160, LatticeECP2/M Density Migration, for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com