Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 224Page - Renesas Technology Corp M32C/8A Datasheet HTML 225Page - Renesas Technology Corp M32C/8A Datasheet HTML 226Page - Renesas Technology Corp M32C/8A Datasheet HTML 227Page - Renesas Technology Corp M32C/8A Datasheet HTML 228Page - Renesas Technology Corp M32C/8A Datasheet HTML 229Page - Renesas Technology Corp M32C/8A Datasheet HTML 230Page - Renesas Technology Corp M32C/8A Datasheet HTML 231Page - Renesas Technology Corp M32C/8A Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 211 of 352
REJ09B0385-0100
Figure 17.13
Receive Operations when External Clock is Selected
D6
D7
D7
TE bit in the
UiC1 register
i = 0 to 4
fEXT = external clock frequency
The above applies under the following conditions:
- UiMR register: CKDIR bit = 1 (external clock)
- UiC0 reigster: CRD bit = 1 (CTS function disabled)
CKPOL bit = 0 (receive data input at the rising edge of the serial clock)
NOTE:
1. Satisfy the following conditions, while the CLKi pin input is "H" before the data receive operation.
- UiC1 register: TE bit = 1 (transmit operation enabled)
RE bit = 1 (receive operation enabled)
- Write dummy data to the UiTB register
TI bit in the UiC1
register
Write dummy data to UiTB register
RTSi output
“H”
“L”
CLKi input(1)
RXDi input
RI bit in the
UiC1 register
IR bit in the SiRIC
register
Set to 0 by an interrupt request acknowledgement or by program
RE bit in the
UiC1 register
1
0
OER bit in the
UiRB register
1
fEXT
D0 D1 D2 D3 D4 D5 D6
D0 D1 D2 D3 D4 D5 D6
D0 D1 D2 D3 D4 D5
D7
“H”
“L”
“H”
“L”
Transfer data from UiTB register
to UARTi transmit shift register
Becomes "L" by reading UiRB register
Transfer data from UARTi
receive shift register to UiRB
register
A read from UiRB register
1
0
1
0
1
0
1
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com