Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 228Page - Renesas Technology Corp M32C/8A Datasheet HTML 229Page - Renesas Technology Corp M32C/8A Datasheet HTML 230Page - Renesas Technology Corp M32C/8A Datasheet HTML 231Page - Renesas Technology Corp M32C/8A Datasheet HTML 232Page - Renesas Technology Corp M32C/8A Datasheet HTML 233Page - Renesas Technology Corp M32C/8A Datasheet HTML 234Page - Renesas Technology Corp M32C/8A Datasheet HTML 235Page - Renesas Technology Corp M32C/8A Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 215 of 352
REJ09B0385-0100
17.1.1.4 Continuous Receive Mode
Continuous receive mode can be used when all of the following conditions are met.
• External clock is selected (the CKDIR bit in the UiMR register (i = 0 to 4) is set to 1)
• RTS function is disabled (RTSi pin is not selected in the Function Select Register)
When the UiRRM bit in the UiC1 register is set to 1 (continuous receive mode enabled), the TI bit in the UiC1
register becomes 0 (data in the UiTB register) by reading the UiRB register. Do not set dummy data to the
UiTB register if the UiRRM bit is set to 1.
17.1.1.5 CTS/RTS Function
• CTS Function
Transmit and receive operation is controlled by using the input signal to the CTSi pin (i = 0 to 4). To use
the CTS function, select the I/O port in the Function Select Register, set the CRD bit in the UiC0 register to
0 (CTS function enabled), and the CRS bit to 0 (CTS function selected).
With the CTS function used, the transmit and receive operation starts when all the following conditions are
met and an “L” signal is applied to the CTSi pin.
-The TE bit in the UiC1 register is set to 1 (transmit operation enabled)
-The TI bit in the UiC1 register is 0 (data in the UiTB register)
-The RE bit in the UiC1 register is set to 1 (receive operation enabled)
(If transmit-only operation is performed, the RE bit setting is not required)
When a high-level (“H”) signal is applied to the CTSi pin during transmitting and receiving, the transmit
and receive operation is disabled after the transmit and receive operation in progress is completed.
• RTS Function
The MCU can inform the external device that it is ready for a transmit and receive operation by using the
output signal from the RTSi pin. To use the RTS function, select the RTSi pin in the Function Select
Register.
With the RTS function used, the RTSi pin outputs an “L” signal when all the following conditions are met,
and outputs an “H” when the serial clock is input to the CLKi pin.
-The RI bit in the UiC1 register is 0 (no data in the UiRB register)
-The TE bit is set to 1 (transmit operation enabled)
-The RE bit is set to 1 (receive operation enabled)
(If transmit-only operation is performed, the RE bit setting is not required)
-The TI bit is 0 (data in the UiTB register)
17.1.1.6 Procedure When the Communication Error is Occurred
Follow the procedure below when a communication error is occurred in clock synchronous mode.
(1) Set the TE bit in the UiC1 register (i = 0 to 4) to 0 (transmit operation disabled) and the RE bit to 0
(receive operation disabled).
(2) Set bits SMD2 to SMD0 in the UiMR register to 000b (serial interface disabled).
(3) Set bits SMD2 to SMD0 in the UiMR register to 001b (clock synchronous mode).
(4) Set the TE bit to 1 (transmit operation enabled) and the RE bit to 1 (receive operation enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com