Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 227Page - Renesas Technology Corp M32C/8A Datasheet HTML 228Page - Renesas Technology Corp M32C/8A Datasheet HTML 229Page - Renesas Technology Corp M32C/8A Datasheet HTML 230Page - Renesas Technology Corp M32C/8A Datasheet HTML 231Page - Renesas Technology Corp M32C/8A Datasheet HTML 232Page - Renesas Technology Corp M32C/8A Datasheet HTML 233Page - Renesas Technology Corp M32C/8A Datasheet HTML 234Page - Renesas Technology Corp M32C/8A Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 372 page
background image
M32C/8A Group
17. Serial Interfaces
Rev.1.00
Jul 15, 2007
Page 214 of 352
REJ09B0385-0100
17.1.1.3 Serial Data Logic Inverse
When the UiLCH bit in the UiC1 register is set to 1 (inverted), data logic written in the UiTB register is inverted
for transmit operation. A read from the UiRB register returns the inverted logic of receive data. Figure 17.16
shows an example of serial data logic inverse operation.
Figure 17.16
Serial Data Logic Inverse
Serial clock
(1) When the UiLCH bit in the UiC1 register (i = 0 to 4) is set to 0 (not inverted)
D0
D1
D3
D4
D5
D6
D7
D2
(2) When the UiLCH bit is set to 1 (inverted)
TXDi
(not inverted)
The above applies under the following conditions:
- CKPOL bit in the UiC0 register is set to 0 (transmit data is output at the falling edge and received data is input at the rising edge)
- UFORM bit in the UiC0 register is set to 0 (LSB first).
"H"
"L"
"H"
"L"
D0
D1
D3
D4
D5
D6
D7
D2
Serial clock
TXDi
(inverted)
"H"
"L"
"H"
"L"
D0
D1
D3
D4
D5
D6
D7
D2
RXDi
(not inverted)
"H"
"L"
D0
D1
D3
D4
D5
D6
D7
D2
RXDi
(inverted)
"H"
"L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com