Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 308Page - Renesas Technology Corp M32C/8A Datasheet HTML 309Page - Renesas Technology Corp M32C/8A Datasheet HTML 310Page - Renesas Technology Corp M32C/8A Datasheet HTML 311Page - Renesas Technology Corp M32C/8A Datasheet HTML 312Page - Renesas Technology Corp M32C/8A Datasheet HTML 313Page - Renesas Technology Corp M32C/8A Datasheet HTML 314Page - Renesas Technology Corp M32C/8A Datasheet HTML 315Page - Renesas Technology Corp M32C/8A Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 295 of 352
REJ09B0385-0100
Figure 22.16
PCR Register
Reserved bits
b7
0
0
b6 b5 b4
b1
b2
b3
Symbol
PCR
Address
03FFh
After Reset
XXXX X000b
b0
Function
Bit Symbol
Bit Name
RW
−
(b7-b3)
RW
−
Port Control Register
0: CMOS output
1: N-channel open drain output(2)
Port P1 control bit(1)
PCR0
RW
Unimplemented.
Write 0. Read as undefined value.
−
(b2-b1)
Set to 0
NOTES:
1. In microprocessor mode, set the PCR0 bit to 0 since port P1 is used as data bus . When using port P1 as an I/O port,
CMOS or N-channel open drain output can be selected.
2. This function is designed to make pseudo open drain by always turning off P channel in the CMOS port . Therefore, the
absolute maximum rating of the input voltage is from -0.3 V to VCC + 0.3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com