Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 304Page - Renesas Technology Corp M32C/8A Datasheet HTML 305Page - Renesas Technology Corp M32C/8A Datasheet HTML 306Page - Renesas Technology Corp M32C/8A Datasheet HTML 307Page - Renesas Technology Corp M32C/8A Datasheet HTML 308Page - Renesas Technology Corp M32C/8A Datasheet HTML 309Page - Renesas Technology Corp M32C/8A Datasheet HTML 310Page - Renesas Technology Corp M32C/8A Datasheet HTML 311Page - Renesas Technology Corp M32C/8A Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 291 of 352
REJ09B0385-0100
Figure 22.12
PUR0 Register, PUR1 Register
b7 b6 b5 b4
b1
b2
b3
Symbol
PUR0
Address
03F0h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PU05
PU07
P1_4 to P1_7 pull-up
P3_4 to P3_7 pull-up
RW
RW
RW
RW
PU04
RW
PU03
P2_4 to P2_7 pull-up
P3_0 to P3_3 pull-up
PU06
Pull-Up Control Register 0(1)
P2_0 to P2_3 pull-up
P0_4 to P0_7 pull-up
PU01
RW
P1_0 to P1_3 pull-up
RW
PU02
Pull-up setting for the corresponding ports
0: Not pulled up
1: Pulled up
P0_0 to P0_3 pull-up
PU00
RW
b7 b6 b5 b4
b1
b2
b3
Symbol
PUR1
Address
03F1h
After Reset
XXXX 0000b
b0
Function
Bit Symbol
Bit Name
RW
P5_4 to P5_7 pull-up
−
RW
−
(b7-b4)
PU13
Pull-Up Control Register 1(1)
Unimplemented.
Write 0. Read as undefined value.
P4_4 to P4_7 pull-up
PU11
RW
P5_0 to P5_3 pull-up
RW
PU12
Pull-up setting for the corresponding ports
0: Not pulled up
1: Pulled up
P4_0 to P4_3 pull-up
PU10
RW
NOTE:
1. In microprocessor mode, set each bit in the PUR0 register to 0 since port P0 to P5 are used as bus control pins. When using as
I/O ports, it can be selected whether the ports are pulled up or not.
NOTE:
1. In microprocessor mode, set each bit in the PUR0 register to 0 since port P0 to P5 are used as bus control pins. When using as
I/O ports, it can be selected whether the ports are pulled up or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com