Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 304 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 304 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 300Page - Renesas Technology Corp M32C/8A Datasheet HTML 301Page - Renesas Technology Corp M32C/8A Datasheet HTML 302Page - Renesas Technology Corp M32C/8A Datasheet HTML 303Page - Renesas Technology Corp M32C/8A Datasheet HTML 304Page - Renesas Technology Corp M32C/8A Datasheet HTML 305Page - Renesas Technology Corp M32C/8A Datasheet HTML 306Page - Renesas Technology Corp M32C/8A Datasheet HTML 307Page - Renesas Technology Corp M32C/8A Datasheet HTML 308Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 287 of 352
REJ09B0385-0100
Figure 22.8
PS2 Register, PS3 Register
b7
0
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
PS2
Address
03B4h
After Reset
00X0 0000b
b0
Function
Bit Symbol
Bit Name
RW
−
(b5)
RW
−
Reserved bits
−
(b7-b6)
Function Select Register A2
Port P8_1
output function select bit
PS2_1
RW
0: I/O port/peripheral function input
1: Select by the PSL2_0 bit
Port P8_0
output function select bit
PS2_0
RW
0: I/O port/peripheral function input
1: Select by the PSL2_1 bit
Unimplemented.
Write 0. Read as undefined value.
Set to 0
b7 b6 b5 b4
b1
b2
b3
Symbol
PS3
Address
03B5h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PS3_5
PS3_7
Port P9_3
output function select bit
Port P9_7
output function select bit
RW
RW
RW
RW
PS3_4
RW
PS3_3
Port P9_5
output function select bit
Port P9_6
output function select bit
PS3_6
Function Select Register A3(1)
Port P9_4
output function select bit
Port P9_1
output function select bit
PS3_1
RW
Port P9_2
output function select bit
RW
PS3_2
0: I/O port/peripheral function input
1: Select by the PSL3_0 bit
Port P9_0
output function select bit
PS3_0
RW
0: I/O port/peripheral function input
1: Select by the PSL3_1 bit
0: I/O port/peripheral function input
1: Select by the PSL3_2 bit
0: I/O port/peripheral function input
1: RTS3
0: I/O port/peripheral function input
1: RTS4
0: I/O port/peripheral function input
1: CLK4 output
0: I/O port/peripheral function input
1: TXD4/SDA4 output
0: I/O port/peripheral function input
1: Select by the PSL3_7 bit
NOTE:
1. Set the PS3 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do not generate an interrupt
or a DMA or DMACII transfer between these two instructions.
RW
Reserved bits
−
(b4-b2)
Set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com