Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 298Page - Renesas Technology Corp M32C/8A Datasheet HTML 299Page - Renesas Technology Corp M32C/8A Datasheet HTML 300Page - Renesas Technology Corp M32C/8A Datasheet HTML 301Page - Renesas Technology Corp M32C/8A Datasheet HTML 302Page - Renesas Technology Corp M32C/8A Datasheet HTML 303Page - Renesas Technology Corp M32C/8A Datasheet HTML 304Page - Renesas Technology Corp M32C/8A Datasheet HTML 305Page - Renesas Technology Corp M32C/8A Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 285 of 352
REJ09B0385-0100
Figure 22.6
P0 to P15 Registers
b7 b6 b5 b4
b1
b2
b3
Symbol
P0 to P5
P6 to P10
P11 to P15
Address
03E0h, 03E1h, 03E4h, 03E5h, 03E8h, 03E9h
03C0h, 03C1h(3), 03C4h(4), 03C5h, 03C8h
03C9h(5), 03CCh, 03CDh, 03D0h(5), 03D1h
After Reset
Undefined
Undefined
Undefined
b0
Function
Bit Symbol
Bit Name
RW
Pi_5
Pi_7
Port Pi_3 bit
Port Pi_7 bit
RW
RW
RW
RW
Pi_4
RW
Pi_3
Port Pi_5 bit
Port Pi_6 bit
Pi_6
Port Pi Register (1, 2) (i = 0 to 15)
Port Pi_4 bit
NOTES:
1. In microprocessor mode, the Pi register corresponding to the following bus control pins cannot be written: A0 to A22, A23, D0 to
D15, CS0 to CS3, WRL/ WR, WRH/BHE, RD, BCLK/ALE/CLKOUT, ALE, ALE, RDY.
2. Ports P11 to P15 are provided in the 144-pin package only.
3. P7_0 and P7_1 are N-channel open drain output ports. The pins are placed into high-impedance states when the corresponding
bits to P7_0 and P7_1 are set to 1.
4. The P8_5 bit is a read-only bit.
5. Nothing is implemented to bits P11_5 to P11_7 in the P11 register and the P14_7 bit in the P14 register. Write a 0. A read from
these bits returns undefined value.
Port Pi_1 bit
Pi_1
RW
Port Pi_2 bit
RW
Pi_2
Input mode
(The PDi_j bit (j = 0 to 7) in the PDi register = 0)
Read: Return the pin level.
Write: Write to the port latch.
Output mode
(The PDi_j bit in the PDi register = 1)
Read: Return the port latch value.
Write: Write to the port latch and the port latch
value is output from the pin.
0: "L" level
1: "H" level
Port Pi_0 bit
Pi_0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com