Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 299Page - Renesas Technology Corp M32C/8A Datasheet HTML 300Page - Renesas Technology Corp M32C/8A Datasheet HTML 301Page - Renesas Technology Corp M32C/8A Datasheet HTML 302Page - Renesas Technology Corp M32C/8A Datasheet HTML 303Page - Renesas Technology Corp M32C/8A Datasheet HTML 304Page - Renesas Technology Corp M32C/8A Datasheet HTML 305Page - Renesas Technology Corp M32C/8A Datasheet HTML 306Page - Renesas Technology Corp M32C/8A Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 286 of 352
REJ09B0385-0100
Figure 22.7
PS0 Register, PS1 Register
b7 b6 b5 b4
b1
b2
b3
Symbol
PS0
Address
03B0h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PS0_5
PS0_7
Port P6_3
output function select bit
Port P6_7
output function select bit
RW
RW
RW
RW
PS0_4
RW
PS0_3
Port P6_5
output function select bit
Port P6_6
output function select bit
PS0_6
Function Select Register A0
Port P6_4
output function select bit
Port P6_1
output function select bit
PS0_1
RW
Port P6_2
output function select bit
RW
PS0_2
0: I/O port/peripheral function input
1: Select by the PSL0_0 bit
Port P6_0
output function select bit
PS0_0
RW
0: I/O port/peripheral function input
1: Select by the PSL0_1 bit
0: I/O port/peripheral function input
1: Select by the PSL0_2 bit
0: I/O port/peripheral function input
1: Select by the PSL0_3 bit
0: I/O port/peripheral function input
1: Select by the PSL0_4 bit
0: I/O port/peripheral function input
1: Select by the PSL0_5 bit
0: I/O port/peripheral function input
1: Select by the PSL0_6 bit
0: I/O port/peripheral function input
1: Select by the PSL0_7 bit
b7 b6 b5 b4
b1
b2
b3
Symbol
PS1
Address
03B1h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PS1_5
PS1_7
Port P7_3
output function select bit
Port P7_7
output function select bit
RW
RW
RW
RW
PS1_4
RW
PS1_3
Port P7_5
output function select bit
Port P7_6
output function select bit
PS1_6
Function Select Register A1
Port P7_4
output function select bit
Port P7_1
output function select bit
PS1_1
RW
Port P7_2
output function select bit
RW
PS1_2
0: I/O port/peripheral function input
1: Select by the PSL1_0 bit
Port P7_0
output function select bit
PS1_0
RW
0: I/O port/peripheral function input
1: Select by the PSL1_1 bit
0: I/O port/peripheral function input
1: Select by the PSL1_2 bit
0: I/O port/peripheral function input
1: Select by the PSL1_3 bit
0: I/O port/peripheral function input
1: Select by the PSL1_4 bit
0: I/O port/peripheral function input
1: Select by the PSL1_5 bit
0: I/O port/peripheral function input
1: Select by the PSL1_6 bit
0: I/O port/peripheral function input
1: Do not set to this value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com