Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 297Page - Renesas Technology Corp M32C/8A Datasheet HTML 298Page - Renesas Technology Corp M32C/8A Datasheet HTML 299Page - Renesas Technology Corp M32C/8A Datasheet HTML 300Page - Renesas Technology Corp M32C/8A Datasheet HTML 301Page - Renesas Technology Corp M32C/8A Datasheet HTML 302Page - Renesas Technology Corp M32C/8A Datasheet HTML 303Page - Renesas Technology Corp M32C/8A Datasheet HTML 304Page - Renesas Technology Corp M32C/8A Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 284 of 352
REJ09B0385-0100
Figure 22.4
Programmable I/O Ports (4)
Figure 22.5
PD0 to PD15 Registers
Input-only port (P8_5)
Data bus
NMI
b7 b6 b5 b4
b1
b2
b3
Symbol
PD0 to PD3
PD4 to PD7
PD8
PD9, PD10
PD11
PD12, PD13
PD14
PD15
Address
03E2h, 03E3h, 03E6h, 03E7h
03EAh, 03EBh, 03C2h, 03C3h
03C6h(4)
03C7h(1), 03CAh
03CBh(3, 4)
03CEh, 03CFh(3)
03D2h(3, 4)
03D3h(3)
After Reset
00h
00h
00X0 0000b
00h
XXX0 0000b
00h
X000 0000b
00h
b0
Function
Bit Symbol
Bit Name
RW
PDi_5
PDi_7
0: Input mode (functions as input port)
1: Output mode (functions as output port)
Port Pi_3 direction bit
Port Pi_7 direction bit
RW
RW
RW
RW
PDi_4
RW
PDi_3
0: Input mode (functions as input port)
1: Output mode (functions as output port)
0: Input mode (functions as input port)
1: Output mode (functions as output port)
Port Pi_5 direction bit
Port Pi_6 direction bit
0: Input mode (functions as input port)
1: Output mode (functions as output port)
PDi_6
Port Pi Direction Register (i = 0 to 15)
0: Input mode (functions as input port)
1: Output mode (functions as output port)
Port Pi_4 direction bit
NOTES:
1. Set the PD9 register immediately after the PRC2 bit in the PRCR register is set to 1 (write enable). Do not generate an interrupt
or a DMA or DMACII transfer between these two instructions.
2. In microprocessor mode, the PDi register corresponding to the following bus control pins cannot be written: A0 to A22, A23,
D0 to D15, CS0 to CS3, WRL/ WR, WRH/BHE, RD, BCLK/ALE/CLKOUT, ALE, ALE, RDY.
3. Set registers PD11 to PD15 to FFh in the 100-pin package.
4. Nothing is implemented to the PD8_5 bit in the PD8 register, bits PD11_7 to PD11_5 in the PD11 register, and the P14_7 bit in
the PD14 register. Write a 0. A read from these bits returns undefined value.
0: Input mode (functions as input port)
1: Output mode (functions as output port)
Port Pi_1 direction bit
PDi_1
RW
0: Input mode (functions as input port)
1: Output mode (functions as output port)
Port Pi_2 direction bit
RW
PDi_2
0: Input mode (functions as input port)
1: Output mode (functions as output port)
Port Pi_0 direction bit
PDi_0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com