Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 301Page - Renesas Technology Corp M32C/8A Datasheet HTML 302Page - Renesas Technology Corp M32C/8A Datasheet HTML 303Page - Renesas Technology Corp M32C/8A Datasheet HTML 304Page - Renesas Technology Corp M32C/8A Datasheet HTML 305Page - Renesas Technology Corp M32C/8A Datasheet HTML 306Page - Renesas Technology Corp M32C/8A Datasheet HTML 307Page - Renesas Technology Corp M32C/8A Datasheet HTML 308Page - Renesas Technology Corp M32C/8A Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 288 of 352
REJ09B0385-0100
Figure 22.9
PSL0 Register, PSL1 Register
b7
0
0
0
0
0
0
b6 b5 b4
b1
b2
b3
Symbol
PSL0
Address
03B2h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PSL0_5
PSL0_7
Port P6_3 peripheral function
output select bit
Port P6_7 peripheral function
output select bit
RW
RW
RW
RW
PSL0_4
RW
PSL0_3
Port P6_5 peripheral function
output select bit
Port P6_6 peripheral function
output select bit
PSL0_6
Function Select Register B0
Port P6_4 peripheral function
output select bit
Port P6_1 peripheral function
output select bit
PSL0_1
RW
Port P6_2 peripheral function
output select bit
RW
PSL0_2
0: RTS0
1: Do not set to this value
Port P6_0 peripheral function
output select bit
PSL0_0
RW
0: CLK0 output
1: Do not set to this value
0: SCL0 output
1: STXD0
0: TXD0/SDA0 output
1: Do not set to this value
0: RTS1
1: Do not set to this value
0: CLK1 output
1: Do not set to this value
0: SCL1 output
1: STXD1
0: TXD1/SDA1 output
1: Do not set to this value
b7
0
0
1
b6 b5 b4
b1
b2
b3
Symbol
PSL1
Address
03B3h
After Reset
00h
b0
Function
Bit Symbol
Bit Name
RW
PSL1_5
−
(b7)
Port P7_3 peripheral function
output select bit
Reserved bit
RW
RW
RW
RW
PSL1_4
RW
PSL1_3
Port P7_5 peripheral function
output select bit
Port P7_6 peripheral function
output select bit
PSL1_6
Function Select Register B1
Port P7_4 peripheral function
output select bit
Port P7_1 peripheral function
output select bit
PSL1_1
RW
Port P7_2 peripheral function
output select bit
RW
PSL1_2
0: Select by the PSC_0 bit
1: TA0OUT output
Port P7_0 peripheral function
output select bit
PSL1_0
RW
0: Select by the PSC_1 bit
1: STXD2
0: Select by the PSC_2 bit
1: TA1OUT output
0: Select by the PSC_3 bit
1: V
0: Select by the PSC_4 bit
1: W
0: W
1: Do not set to this value
0: Do not set to this value
1: TA3OUT output
Set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com